Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 87 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 87 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 83Page - Microchip Technology LAN9115 Datasheet HTML 84Page - Microchip Technology LAN9115 Datasheet HTML 85Page - Microchip Technology LAN9115 Datasheet HTML 86Page - Microchip Technology LAN9115 Datasheet HTML 87Page - Microchip Technology LAN9115 Datasheet HTML 88Page - Microchip Technology LAN9115 Datasheet HTML 89Page - Microchip Technology LAN9115 Datasheet HTML 90Page - Microchip Technology LAN9115 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 87
LAN9115
5.4.11
WUFF—WAKE-UP FRAME FILTER
This register is used to configure the wake up frame filter.
5.4.12
WUCSR—WAKE-UP CONTROL AND STATUS REGISTER
This register contains data pertaining to the MAC’s remote wake-up status and capabilities.
Offset:
B
Attribute:
WO
Default Value:
00000000h
Size:
32 bits
Bits
Description
31-0
Wake-Up Frame Filter (WFF). Wake-Up Frame Filter (WFF). The Wake-up frame filter is configured
through this register using an indexing mechanism. After power-on reset, hardware reset, or soft reset,
the MAC loads the first value written to this location to the first DWORD in the Wake-up frame filter
(filter 0 byte mask). The second value written to this location is loaded to the second DWORD in the
wake-up frame filter (filter 1 byte mask) and so on. Once all eight DWORDs have been written, the
internal pointer will once again point to the first entry and the filter entries can be modified in the same
manner.
Note:
This is a write-only register.
Offset:
C
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31-10
Reserved
9
Global Unicast Enable (GUE). When set, the MAC wakes up from power-saving mode on receipt of
a global unicast frame. A global unicast frame has the MAC Address [0] bit set to 0.
8-7
Reserved
6
Remote Wake-Up Frame Received (WUFR). The MAC, upon receiving a valid Remote Wake-up
frame, sets this bit.
5
Magic Packet Received (MPR). The MAC, upon receiving a valid Magic Packet, sets this bit.
4-3
Reserved
2
Wake-Up Frame enabled (WUEN). When set, Remote Wake-Up mode is enabled and the MAC is
capable of detecting wake-up frames as programmed in the wake-up frame filter.
1
Magic Packet Enable (MPEN). When set, Magic Packet Wake-up mode is enabled.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com