Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 75 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 75 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 71Page - Microchip Technology LAN9115 Datasheet HTML 72Page - Microchip Technology LAN9115 Datasheet HTML 73Page - Microchip Technology LAN9115 Datasheet HTML 74Page - Microchip Technology LAN9115 Datasheet HTML 75Page - Microchip Technology LAN9115 Datasheet HTML 76Page - Microchip Technology LAN9115 Datasheet HTML 77Page - Microchip Technology LAN9115 Datasheet HTML 78Page - Microchip Technology LAN9115 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 75
LAN9115
5.3.19
RX_DROP– RECEIVER DROPPED FRAMES COUNTER
This register indicates the number of receive frames that have been dropped.
5.3.20
MAC_CSR_CMD – MAC CSR SYNCHRONIZER COMMAND REGISTER
This register is used to control the read and write operations with the MAC CSR’s
5.3.21
MAC_CSR_DATA – MAC CSR SYNCHRONIZER DATA REGISTER
This register is used in conjunction with the MAC_CSR_CMD register to perform read and write operations with the MAC
CSR’s
5.3.22
AFC_CFG – AUTOMATIC FLOW CONTROL CONFIGURATION REGISTER
This register configures the mechanism that controls both the automatic, and software-initiated transmission of pause
frames and back pressure.
Offset:
A0h
Size:
32 bits
Bits
Description
Type
Default
31-0
RX Dropped Frame Counter (RX_DFC). This counter is incremented every
time a receive frame is dropped. RX_DFC is cleared on any read of this
register.
An interrupt can be issued when this counter passes through its halfway
point (7FFFFFFFh to 80000000h).
RC
00000000h
Offset:
A4h
Size:
32 bits
Bits
Description
Type
Default
31
CSR Busy. When a 1 is written into this bit, the read or write operation is
performed to the specified MAC CSR. This bit will remain set until the
operation is complete. In the case of a read this means that the host can
read valid data from the data register. The MAC_CSR_CMD and
MAC_CSR_DATA registers should not be modified until this bit is cleared.
SC
0
30
R/nW. When set, this bit indicates that the host is requesting a read
operation. When clear, the host is performing a write.
R/W
0
29-8
Reserved.
RO
-
7-0
CSR Address. The 8-bit value in this field selects which MAC CSR will be
accessed with the read or write operation.
R/W
00h
Offset:
A8h
Size:
32 bits
Bits
Description
Type
Default
31-0
MAC CSR Data. Value read from or written to the MAC CSR’s.
R/W
00000000h
Offset:
ACh
Size:
32 bits
Note:
The LAN9115 will not transmit pause frames or assert back pressure if the transmitter is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com