Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 55Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
53
It is recommended that a low pass filter be applied to the output from the DAC for hi-fi
applications. Typically a second order filter is suitable and provides sufficient attenuation of
high frequency components (the unique low order, high bit count multi-bit sigma delta DAC
structure used in WM8776 produces much less high frequency output noise). This filter is
typically also used to provide the 2x gain needed to provide the standard 2Vrms output level
from most consumer equipment. Figure 43 shows a suitable post DAC filter circuit, with 2x
gain. Alternative inverting filter architectures might also be used with as good results.
+
_
+
+VS
-VS
10uF
51
Ω
7.5K
Ω
680pF
1.8k
Ω
10k
Ω
4.7k
Ω
4.7k
Ω
1.0nF
Figure 43 Recommended Post DAC Filter Circuit
To ensure that system ‘pop’ noise is kept to a minimum when power is applied or removed, a
transistor clamp circuit arrangement may be added to the output connectors of the system. A
recommended clamp circuit configuration is shown below.
When the +VS power supply is applied, PNP transistor Q10 of the trigger circuit is held on
until capacitor C49 is fully charged. With transistor Q10 held ‘on’, NPN transistors Q4 to Q5
of the clamp circuits are also switched on holding the system outputs near to GND. When
capacitor C49 is fully charged transistors Q10 and Q4 to Q5 are switched off setting the
outputs active.
When the +VS power supply is removed, PNP transistor Q11 of the trigger circuit is switched
on. In turn, transistors Q4 to Q5 of the clamp circuits are switched on holding the outputs of
the evaluation board near to GND until the rest of the circuitry on the board has settled.
Note: It is recommended that low Vcesat switching transistors should be used in this circuit
to ensure that the clamp is applied before the rest of the circuitry has time to power down.
Important: If a trigger circuit such as the one shown is to be used, it is important that the +VS
supply drops quicker than any other supply to ensure that the outputs are clamped during the
period when ‘pop’ noise may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com