Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
29
HPLA/ HPRA[6:0]
ATTENUATION LEVEL
00(hex)
-
∞dB (mute)
:
:
2F(hex)
-
∞dB (mute)
30(hex)
-73dB
:
:
79 (hex)
0dB (default)
:
:
7D(hex)
+4dB
7E(hex)
+5dB
7F(hex)
+6dB
Table 13 Headphone Volume Control Attenuation Levels
In addition a zero cross detect circuit is provided for the output PGA volume under the control
of bit 7 (ZCEN) in the each attenuation register. When ZCEN is set the attenuation values
are only updated when the input signal to the gain stage is close to the analogue ground
level. This minimises audible clicks and ‘zipper’ noise as the gain values change. A timeout
clock is also provided which will generate an update after a minimum of 131072 master
clocks (= ~10.5ms with a master clock of 12.288MHz). The timeout clock may be disabled by
setting TOD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
0000111
Timeout Clock Disable
3
TOD
0
DAC and ADC Analogue Zero
cross detect timeout disable
0 : Timeout enabled
1: Timeout disabled
DAC DIGITAL VOLUME CONTROL
The DAC volume may also be adjusted in the digital domain using independent digital
attenuation control registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LDA[7:0]
11111111
(0dB)
Digital Attenuation data for Left channel DACL in 0.5dB steps. See
Table 14
R3 (03h)
0000011
Digital
Attenuation
DACL
8
UPDATED
Not latched
Controls simultaneous update of Attenuation Latches
0: Store LDA in intermediate latch (no change to output)
1: Store LDA and update attenuation on both channels
7:0
RDA[6:0]
11111111
(0dB)
Digital Attenuation data for Right channel DACR in 0.5dB steps. See
Table 14
R4 (04h)
0000100
Digital
Attenuation
DACR
8
UPDATED
Not latched
Controls simultaneous update of Attenuation Latches
0: Store RDA in intermediate latch (no change to output)
1: Store RDA and update attenuation on both channels.
7:0
MASTDA[7:0]
11111111
(0dB)
Digital Attenuation data for DAC channels in 0.5dB steps. See Table
14
R5 (05h)
0000101
Master
Digital
Attenuation
(both channels)
8
UPDATED
Not latched
Controls simultaneous update of Attenuation Latches
0: Store gain in intermediate latch (no change to output)
1: Store gain and update attenuation on channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com