Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
13
DEVICE DESCRIPTION
INTRODUCTION
WM8776 is a complete 2-channel DAC, 2-channel ADC audio codec, with flexible input
multiplexor including digital interpolation and decimation filters, multi-bit sigma delta stereo
ADC, and switched capacitor multi-bit sigma delta DACs with analogue volume controls on
each channel and output smoothing filters. It is available in a single package and controlled
by either a 3-wire or 2-wire software interface. The 3-wire interface is compatible with the SPI
standard.
An analogue bypass path option is available, to allow stereo analogue signals from any of the
5 stereo inputs to be sent to the stereo outputs via the main volume controls. This allows a
purely analogue input to analogue output high quality signal path to be implemented if
required.
The DAC and ADC have separate left/right clocks, bit clocks, master clocks and data I/Os.
The Audio Interface may be configured to operate in either master or slave mode. In Slave
mode ADCLRC, DACLRC, ADCBCLK and DACBCLK are all inputs. In Master mode
ADCLRC, DACLRC, ADCBCLK and DACBCLK are outputs.
The input multiplexor to the ADC is configured to allow large signal levels to be input to the
ADC, using external resistors to reduce the amplitude of larger signals to within the normal
operating range of the ADC. The ADC has an analogue input PGA and a digital gain control,
accessed by one register write. The input PGA allows input signals to be gained up to +24dB
and attenuated down to -21dB in 0.5dB steps. The digital gain control allows attenuation from
-21.5dB to -103dB in 0.5dB steps. This allows the user maximum flexibility in the use of the
ADC.
The DAC has its own digital volume control, which is adjustable between 0dB and -127.5dB
in 0.5dB steps. There is also an analogue volume control on the headphone outputs, which is
adjustable between +6dB and -73dB in 1dB steps. The analogue and digital volume controls
may be operated independently. In addition a zero cross detect circuit is provided for both
analogue and digital volume controls. When analogue volume zero-cross detection is
enabled the attenuation values are only updated when the input signal to the gain stage is
close to the analogue ground level. The digital volume control detects a transition through the
zero point before updating the volume. This minimises audible clicks and ‘zipper’ noise as
the gain values change.
The DAC output incorporates an input selector and mixer allowing a signal to be either
switched into the signal path in place of the DAC signal or mixed with the DAC signal before
the volume control. Use of external resistors allows larger input levels to be accepted by the
device, giving maximum user flexibility.
Internal functionality is controlled by CE, CL, DI and MODE input pins. These are 5V tolerant
with TTL input thresholds, allowing the WM8776 to used with DVDD = 3.3V and be controlled
by a controller with 5V output. The MODE pin determines which of the two control interface
modes is selected.
Operation using system clock of 128fs, 192fs, 256fs, 384fs, 512fs or 768fs is provided. In
Slave mode selection between clock rates is automatically controlled. In master mode the
master clock to sample rate ratio is set by control bits ADCRATE and DACRATE. ADC and
DAC may run at different rates and have their own bit clocks and master clocks.
The audio data interface supports right, left and I
2S interface formats along with a highly
flexible DSP serial port interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com