Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
38
OUTPUT SELECT AND ENABLE CONTROL
Register bits MX controls the output selection. The output select block consists of a summing
stage and an input select switch for each input allowing each signal to be output individually
or summed with other signals and output on the analogue output. The default for the output is
DAC playback only. VOUT may be selected to output DAC playback, AUX, analogue bypass
or a sum of these using the output select controls MX[2:0]. For example, to select sum of
DAC and AUX, set MX[2:0] to 011.
The output mixer is powered down with DACD.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
0010110
Output Mux
2:0
MX[2:0]
001
(DAC playback)
VOUT Output select (see Figure 25)
Figure 25 MX[2:0] Output Select
SOFTWARE REGISTER RESET
Writing any value to register 0010111 will cause a register reset, resetting all register bits to
their default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com