Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
39
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the
relevant text of the device description. The WM8776 can be configured using the Control
Interface. All unused bits should be set to ‘0’.
REGISTER
B
15
B
14
B
13
B
12
B
11
B
10
B
9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
(HEX)
R0 (00h)
0
0
0
0
0
0
0
UPDATE HPLZCEN
HPLA[6:0]
079
R1 (01h)
0
0
0
0
0
0
1
UPDATE HPRZCEN
HPRA[6:0]
079
R2 (02h)
0
0
0
0
0
1
0 UPDATEA HPMZCEN
HPMASTA[6:0]
079
R3 (03h)
0
0
0
0
0
1
1 UPDATED
LDA[7:0]
0FF
R4 (04h)
0
0
0
0
1
0
0 UPDATED
RDA[7:0]
0FF
R5 (05h)
0
0
0
0
1
0
1 UPDATED
MASTDA
0FF
R6 (06h)
0
0
0
0
1
1
0
0
0
0
0
0
0
0
PHASE[1:0]
000
R7 (07h)
0
0
0
0
1
1
1
0
PL[3:0]
TOD
IZD
ATC
DZCEN
090
R8 (08h)
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
DMUTE
000
R9 (09h)
0
0
0
1
0
0
1
0
0
0
0
0
0
DZFM [1:0]
DEEMPH
000
R10 (0Ah)
0
0
0
1
0
1
0
0
0
0
DACWL[1:0]
DACBCP
DACLRP
DACFMT[1:0]
022
R11 (0Bh)
0
0
0
1
0
1
1
ADCHPD
0
ADCMCLK
ADCWL[1:0]
ADCBCP
ADCLRP
ADCFMT[1:0]
022
R12 (0Ch)
0
0
0
1
1
0
0
ADCMS
DACMS
DACRATE[2:0]
ADCOSR
ADCRATE[2:0]
022
R13 (ODh)
0
0
0
1
1
0
1
0
0
AINPD
0
0
HPPD
DACPD
ADCPD
PDWN
008
R14 (0Eh)
0
0
0
1
1
1
0
ZCLA
LAG[7:0]
0CF
R15 (0Fh)
0
0
0
1
1
1
1
ZCRA
RAG[7:0]
0CF
R16 (10h)
0
0
1
0
0
0
0
LCSEL[1:0]
MAXGAIN[2:0]
LCT[3:0]
07B
R17 (11h)
0
0
1
0
0
0
1
LCEN
ALCZC
0
0
0
HLD[3:0]
000
R18 (12h)
0
0
1
0
0
1
0
FDECAY
DCY[3:0]
ATK[3:0]
032
R19 (13h)
0
0
1
0
0
1
1
0
0
0
0
NGTH[2:0]
0
NGAT
000
R20 (14h)
0
0
1
0
1
0
0
0
0
TRANWIN[2:0]
MAXATTEN[3:0]
0A6
R21 (15h)
0
0
1
0
1
0
1
LRBOTH
MUTELA
MUTERA
0
AMX[4:0]
001
R22 (16h)
0
0
1
0
1
1
0
0
0
0
MX[2:0]
001
R23 (17h)
0
0
1
0
1
1
1
SOFTWARE RESET
not reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com