Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
28
ANALOGUE OUTPUT VOLUME CONTROLS
There are analogue volume controls for the headphone outputs which may be adjusted
independently using separate volume control registers.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
HPLA[6:0]
1111001
(0dB)
Attenuation data for Headphone Left channel in 1dB steps. See
Table 13
7
HPLZCEN
0
Headphone left zero cross detect enable
0: zero cross disabled
1: zero cross enabled
R0 (00h)
0000000
Analogue
Attenuation
Headphone
Output Left
8
UPDATE
Not latched
Controls simultaneous update of Headphone Attenuation Latches
0: Store HPLA in intermediate latch (no change to output)
1: Store HPLA and update attenuation on both channels.
6:0
HPLA[6:0]
1111001
(0dB)
Attenuation data for Headphone Right channel in 1dB steps. See
Table 13
7
HPRZCEN
0
Headphone right zero cross detect enable
0: zero cross disabled
1: zero cross enabled
R1 (01h)
0000001
Analogue
Attenuation
Headphone
Output Right
8
UPDATE
Not latched
Controls simultaneous update of Headphone Attenuation Latches
0: Store HPRA in intermediate latch (no change to output)
1: Store HPRA and update attenuation on both channels.
6:0
HPMASTA
[6:0]
1111001
(0dB)
Attenuation data for both Headphone channels in 1dB steps. See
Table 13
7
MZCEN
0
Master zero cross detect enable
0: zero cross disabled
1: zero cross enabled
R2 (02h)
0000010
Headphone
Master
Analogue
Attenuation
(both channels)
8
UPDATEA
Not latched
Controls simultaneous update of Attenuation Latches
0: Store gain in intermediate latch (no change to output)
1: Store gain and update attenuation on all channels.
R13 (0Dh)
0001101
Power Down
3
HPPD
1
Headphone output/PGA Power Down
0 : HP out enabled
1 : HP out disabled
Table 12 Headphone Attenuation Register Map
Each analogue headphone output channel has a PGA which can be used to attenuate the
output from that channel. The PGA’s can be powered up or down using the HPPD bit.
Attenuation is 0dB by default but can be set between +6dB and –73dB in 1dB steps using the
two Attenuation control words. The attenuation registers are double latched allowing them to
be updated in pairs. Setting the UPDATE bit on an attenuation write to one channel, for
example HPOUTL, will cause the pre-latched value in HPOUTR to be applied to the PGA. A
master attenuation register is also included, allowing both volume levels to be set to the
same value in a single write.
Note: The UPDATE bit is not latched. If UPDATE=0, the Attenuation value will be written to
the pre-latch but not applied to the PGA. If UPDATE=1, pre-latched values will be applied
from the next input sample. Writing to HPMASTA[6:0] overwrites any values previously sent
to HPLA[6:0] and HPRA[6:0].
HEADPHONE OUTPUT PGA ATTENUATION
The analogue output PGAs are controlled by the HPLA and HPRA registers. Register bits
MASTA can be used to control attenuation of both channels.
Table 13 shows how the attenuation levels are selected from the 7-bit words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com