Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
22
B[15:9] are Control Address Bits
B[8:0] are Control Data Bits
CE is edge sensitive – the data is latched on the rising edge of CE.
2-WIRE SERIAL CONTROL MODE
The WM8776 supports software control via a 2-wire serial bus. Many devices can be
controlled by the same bus, and each device has a unique 7-bit address (this is not the same
as the 7-bit address of each register in the WM8776).
The WM8776 operates as a slave device only. The controller indicates the start of data
transfer with a high to low transition on DI while CL remains high. This indicates that a device
address and data will follow. All devices on the 2-wire bus respond to the start condition and
shift in the next eight bits on DI (7-bit address + Read/Write bit, MSB first). If the device
address received matches the address of the WM8776 and the R/W bit is ‘0’, indicating a
write, then the WM8776 responds by pulling DI low on the next clock pulse (ACK). If the
address is not recognised or the R/W bit is ‘1’, the WM8776 returns to the idle condition and
wait for a new start condition and valid address.
Once the WM8776 has acknowledged a correct address, the controller sends the first byte of
control data (B15 to B8, i.e. the WM8776 register address plus the first bit of register data).
The WM8776 then acknowledges the first data byte by pulling DI low for one clock pulse. The
controller then sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of
register data), and the WM8776 acknowledges again by pulling DI low.
The transfer of data is complete when there is a low to high transition on DI while CL is high.
After receiving a complete address and data sequence the WM8776 returns to the idle state
and waits for another start condition. If a start or stop condition is detected out of sequence
at any point during data transfer (i.e. DI changes while CL is high), the device jumps to the
idle condition.
Figure 20 2-wire Serial Interface
B[15:9] are Control Address Bits
B[8:0] are Control Data Bits
The WM8776 has two possible device addresses, which can be selected using the CE pin.
CE STATE
DEVICE ADDRESS
Low
0011010 (0 x 34h)
High
0011011 (0 x 36h)
Table 11 2-Wire MPU Interface Address Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com