Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
34
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
LC attack (gain ramp-down) time
3:0
ATK[3:0]
0010
ALC mode
0000: 8.4ms
0001: 16.8ms
0010: 33.6ms…
(time doubles with
every step)
1010 or higher:
8.6s
Limiter Mode
0000: 250us
0001: 500us… 0010:
1ms
(time doubles with
every step)
1010 or higher: 256ms
LC decay (gain ramp-up) time
R18 (12h)
0010010
ALC
Control 3
7:4
DCY [3:0]
0011
ALC mode
0000: 33.5ms
0001: 67.2ms
0010: 134.4ms
….(time doubles for
every step)
1010 or higher:
34.3ms
Limiter mode
0000: 1.2ms
0001: 2.4ms
0010: 4.8ms ….(time
doubles for every
step)
1010 or higher:
1.2288s
TRANSIENT WINDOW (LIMITER ONLY)
To prevent the limiter responding to to short duration high ampitude signals (such as hand-
claps in a live performance), the limiter has a programmable transient window preventing it
responding to signals above the threshold until their duration exceeds the window period.
The Transient window is set in register TRANWIN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
0010100
Limiter Control
6:4
TRANWIN
[2:0]
010
Length of Transient Window
000: 0us (disabled)
001: 62.5us
010: 125us
…..
111: 4ms
ZERO CROSS
The PGA has a zero cross detector to prevent gain changes introducing noise to the signal.
In ALC mode the register bit ALCZC allows this to be turned off if desired.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
0010001
ALC Control 2
7
ALCZC
0
(disabled)
PGA zero cross enable
0 : disabled
1: enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com