Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Product Preview
WM8776
w
PP Rev 1.91 June 2004
33
The gain control circuit is enabled by setting the LCEN control bit.
The user can select
between Limiter mode and three different ALC modes using the LCSEL control bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
0010001
ALC Control 2
8
LCEN
0
Enable the PGA gain control circuit.
0 = Disabled
1 = Enabled
R16 (10h)
0010000
ALC Control 1
8:7
LCSEL
00
LC function select
00 = Limiter
01 = ALC Right channel only
10 = ALC Left channel only
11 = ALC Stereo
The limiter function only operates in stereo, which means that the peak detector takes the
maximum of left and right channel peak values, and any new gain setting is applied to both
left and right PGAs, so that the stereo image is preserved. However, the ALC function can
also be enabled on one channel only. In this case, only one PGA is controlled by the ALC
mechanism, while the other channel runs independently with its PGA gain set through the
control register.
When enabled, the threshold for the limiter or target level for the ALC is programmed using
the LCT control bits. This allows the threshold/target level to be programmed between -1dB
and -16dB in 1dB steps.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16 (10h)
0010000
ALC Control 1
3:0
LCT[3:0]
1011
(-5dB)
Limiter Threshold/ALC target level in
1dB steps.
0000: -16dB FS
0001: -15dB FS
…
1101: -3dB FS
1110: -2dB FS
1111: -1dB FS
ATTACK AND DECAY TIMES
The limiter and ALC have different attack and decay times which determine their operation.
However, the attack and decay times are defined slightly differently for the limiter and for the
ALC. DCY and ATK control the decay and attack times, respectively.
Decay time (Gain Ramp-Up). When in ALC mode, this is defined as the time that it takes for
the PGA gain to ramp up across 90% of its range (e.g. from –21dB up to +20 dB). When in
limiter mode, it is defined as the time it takes for the gain to ramp up by 6dB.
The decay time can be programmed in power-of-two (2
n) steps. For the ALC this gives times
from 33.6ms, 67.2ms, 134.4ms etc. to 34.41s. For the limiter this gives times from 1.2ms,
2.4ms etc., up to 1.2288s.
Attack time (Gain Ramp-Down) When in ALC mode, this is defined as the time that it takes
for the PGA gain to ramp down across 90% of its range (e.g. from +20dB down to -21dB
gain). When in limiter mode, it is defined as the time it takes for the gain to ramp down by
6dB.
The attack time can be programmed in power-of-two (2
n) steps, from 8.4ms, 16.8ms, 33.6ms
etc. to 8.6s for the ALC and from 250us, 500us, etc. up to 256ms.
The time it takes for the recording level to return to its target value or static gain value
therefore depends on both the attack/decay time and on the gain adjustment required. If the
gain adjustment is small, it will be shorter than the attack/decay time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com