Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8776 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
WM8776
Product Preview
w
PP Rev 1.91 June 2004
30
L/RDA[7:0]
ATTENUATION LEVEL
00(hex)
-
∞ dB (mute)
01(hex)
-127dB
:
:
:
:
:
:
FE(hex)
-0.5dB
FF(hex)
0dB
Table 14 Digital Volume Control Attenuation Levels
The digital volume control also incorporates a zero cross detect circuit which detects a
transition through the zero point before updating the digital volume control with the new
volume. This is enabled by control bit DZCEN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
0000111
DAC Control
0
DZCEN
0
DAC Digital Volume Zero Cross
Enable:
0: Zero cross detect disabled
1: Zero cross detect enabled
DAC OUTPUT PHASE
The DAC Phase control word determines whether the output of the DAC is non-inverted or
inverted
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Bit
DAC
Phase
0
DACL
1 = invert
R6 (06h)
0000110
DAC Phase
1:0
PH[1:0]
00
1
DACR
1 = invert
ADC GAIN CONTROL
The ADC has an analogue input PGA and digital gain control for each stereo channel. Both
the analogue and digital gains are adjusted by the same register, LAG for the left and RAG
for the right. The analogue PGA has a range of +24dB to -21dB in 0.5dB steps. The digital
gain control allows further attenuation (after the ADC) from -21.5dB to -103dB in 0.5dB steps.
Table 15 shows how the register maps the analogue and digital gains.
LAG/RAG[7:0]
ATTENUATION
LEVEL (AT
OUTPUT)
ANALOGUE PGA
DIGITAL
ATTENUATION
00(hex)
-
∞ dB (mute)
-21dB
Digital mute
01(hex)
-103dB
-21dB
-82dB
:
:
:
:
A4(hex)
-21.5dB
-21dB
-0.5dB
A5(hex)
-21dB
-21dB
0dB
:
:
:
:
CF(hex)
0dB
0dB
0dB
:
:
:
:
FE(hex)
+23.5dB
+23.5dB
0dB
FF(hex)
+24dB
+24dB
0dB
Table 15 Analogue and Digital Gain Mapping for ADC
In addition, a zero cross detect circuit is provided for the input PGA, controlled by bit 8 in
each attenuation register. This minimises audible clicks and ‘zipper’ noise by updating the
gain when the signal crosses the zero level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com