Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 11Page - STMicroelectronics STA333IS Datasheet HTML 12Page - STMicroelectronics STA333IS Datasheet HTML 13Page - STMicroelectronics STA333IS Datasheet HTML 14Page - STMicroelectronics STA333IS Datasheet HTML 15Page - STMicroelectronics STA333IS Datasheet HTML 16Page - STMicroelectronics STA333IS Datasheet HTML 17Page - STMicroelectronics STA333IS Datasheet HTML 18Page - STMicroelectronics STA333IS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
DocID022855 Rev 3
15/43
STA333IS
Electrical specifications
3.8
Serial audio interface description
3.8.1
Serial audio interface protocols
The STA333IS serial audio input was designed to interface with standard digital audio
components and to accept serial data formats. The STA333IS always acts as a slave when
receiving audio input from standard digital audio components. Serial data for two channels
is provided using 3 input pins: left/right clock LRCKI (pin B4), serial clock BICKI (pin C4),
and serial data SDI (pin A5).
The available formats are shown in Figure 6 and Figure 7, and set through Configuration
register B (addr 0x01) on page 22.
Figure 6. I2S
Figure 7. Left-justified
1 2 3
n-1 n
1 2 3
n-1 n
SDI
BICKI
LRCKI
1 2 3
n-1 n
1 2 3
n-1 n
SDI
BICKI
LRCKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com