Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 12Page - STMicroelectronics STA333IS Datasheet HTML 13Page - STMicroelectronics STA333IS Datasheet HTML 14Page - STMicroelectronics STA333IS Datasheet HTML 15Page - STMicroelectronics STA333IS Datasheet HTML 16Page - STMicroelectronics STA333IS Datasheet HTML 17Page - STMicroelectronics STA333IS Datasheet HTML 18Page - STMicroelectronics STA333IS Datasheet HTML 19Page - STMicroelectronics STA333IS Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
I2C bus specification
STA333IS
16/43
DocID022855 Rev 3
4
I2C bus specification
The STA333IS supports the I2C protocol via the input ports SCL and SDA. This protocol
defines any device that sends data to the bus as a transmitter and any device that reads the
data as a receiver. The device that controls the data transfer is known as the master and the
other as the slave. The master always starts the transfer and provides the serial clock for
synchronization. The STA333IS is always a slave device in all of its communications. It
supports up to 400 kb/s (fast-mode bit rate).
4.1
Communication protocol
4.1.1
Data transition or change
Data changes on the SDA line must only occur when the SCL clock is low. An SDA
transition while the clock is high is used to identify a START or STOP condition.
4.1.2
Start condition
START is identified by a high-to-low transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A START condition must precede any command for
data transfer.
4.1.3
Stop condition
STOP is identified by a low-to-high transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A STOP condition terminates communication between
the STA333IS and the bus master.
4.1.4
Data input
During data input the STA333IS samples the SDA signal on the rising edge of clock SCL.
For correct device operation the SDA signal must be stable during the rising edge of the
clock and the data can change only when the SCL line is low.
4.2
Device addressing
To start communication between the master and the STA333IS, the master must initiate a
start condition. Following this, the master sends to the SDA line 8 bits (MSB first)
corresponding to the device select address and read or write mode.
The 7 most significant bits are the device address identifiers, corresponding to the I2C bus
definition. In the STA333IS the I2C interface has device address 0x38.
The 8th bit (LSB) identifies the read or write operation RW, this bit is set to 1 for read mode
and 0 for write mode. After a START condition the STA333IS identifies the device address
on the SDA bus and if a match is found, acknowledges the identification during the 9th bit
time. The byte following the device identification byte is the internal space address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com