Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 21Page - STMicroelectronics STA333IS Datasheet HTML 22Page - STMicroelectronics STA333IS Datasheet HTML 23Page - STMicroelectronics STA333IS Datasheet HTML 24Page - STMicroelectronics STA333IS Datasheet HTML 25Page - STMicroelectronics STA333IS Datasheet HTML 26Page - STMicroelectronics STA333IS Datasheet HTML 27Page - STMicroelectronics STA333IS Datasheet HTML 28Page - STMicroelectronics STA333IS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
DocID022855 Rev 3
25/43
STA333IS
Register description
Channel input mapping
Each channel received via I2S can be mapped to any internal processing channel via the
channel input mapping registers. This allows for flexibility in processing. The default settings
of these registers map each I2S input channel to its corresponding processing channel.
5.1.3
Configuration register C (addr 0x02)
FFX power output mode
FFX compensation pulse size register
Table 20. Channel input mapping
Bit
R/W
RST
Name
Description
6R/W
0C1IM
0: processing channel 1 receives left I2S input
1: processing channel 1 receives right I2S input
7R/W
0C2IM
0: processing channel 2 receives left I2S input
1: processing channel 2 receives right I2S input
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
1
001
011
1
Table 21. FFX power output mode
Bit
R/W
RST
Name
Description
0
R/W
1
OM0
The FFX power output mode selects the configuration
of the FFX output:
00: drop compensation
01: discrete output stage: tapered compensation
10: full-power mode
11: variable drop compensation (CSZx bits)
1R/W
1OM1
Table 22. FFX compensating pulse size
Bit
R/W
RST
Name
Description
2
R/W
1
CSZ0
When OM[1:0] = 11, this register determines the size of
the FFX compensating pulse from 0 to 15 clock periods:
0000: 0 ns (0 ticks) compensating pulse size
0001: 20 ns (1 tick) clock period compensating pulse size
1111: 300 ns (15 ticks) clock period compensating pulse
size
3R/W
0CSZ1
4R/W
1CSZ2
5R/W
0CSZ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com