Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 33Page - STMicroelectronics STA333IS Datasheet HTML 34Page - STMicroelectronics STA333IS Datasheet HTML 35Page - STMicroelectronics STA333IS Datasheet HTML 36Page - STMicroelectronics STA333IS Datasheet HTML 37Page - STMicroelectronics STA333IS Datasheet HTML 38Page - STMicroelectronics STA333IS Datasheet HTML 39Page - STMicroelectronics STA333IS Datasheet HTML 40Page - STMicroelectronics STA333IS Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
DocID022855 Rev 3
37/43
STA333IS
Register description
5.12
Short-circuit protection registers SHOKx (addr 0x35, 0x37,
0x38)
The following power bridge pin short-circuit protections are implemented in the STA333IS:
•
OUTxx vs GNDx
•
OUTxx vs VCCx
•
OUT1B vs OUT2A
The protection is enabled when reg. 0x35 bit 1 (ENABLE_SH) is set to ‘1’. The protection
will check the short-circuit when the EAPD bit is toggled from ‘0’ to ‘1’ (i.e. the power bridge
is switched on), and only if the test passes (no short) does the power bridge leave the
tristate condition.
Register 0x37 and 0x38 (read-only registers) give more information about the detected short
type. SHGNDxx equal to ‘0’ means that OUTxx is shorted to ground, while the same value
on SHVCCxx means that OUTxx is shorted to Vcc, and finally SHOUT=’0’ means that
OUT1B is shorted to OUT2A. To be noted that once the check is performed and the tristate
released, the short protection is no longer active until the next EAPD 0->1 toggling, which
means that shorts that occurred during normal operation cannot be detected. To be noted
that registers 0x37 and 0x38 are meaningful only after the EAPD bit is set to ‘1’ at least
once.
The short-circuit protections implemented are effective only in BTL configuration, and they
must not be activated if a single-ended application scheme is needed.
Figure 10. Short-circuit protection timing diagram
D7
D6
D5
D4
D3
D2
D1
D0
reserved
reserved
reserved
reserved
reserved
reserved
ENABLE_SH
reserved
00
00
00
0 (default)
1
D7
D6
D5
D4
D3
D2
D1
D0
SHGND1A
SHGND1B
SHGND2A
SHGND2B
SHVCC1A
SHVCC1B
SHVCC2A
SHVCC2B
11
11
11
1
1
D7
D6
D5
D4
D3
D2
D1
D0
reserved
reserved
reserved
reserved
reserved
reserved
reserved
SHOUT
00
00
01
0
1
EAPD
OUT1A
OUT1B
OUT2A
OUT2B
SHOK1[7:4]
SHOK1[3:0]
SHOK2[0]
t
s
e
t
t
r
o
h
S
f
o
d
n
E
t
s
e
t
c
c
v
t
r
a
t
S
t
s
e
t
d
n
g
t
r
a
t
S
44
cycles
50005 cy c les
50005 cy cles
1c yc le
Start o ut test
TBD c yc les



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com