Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 31Page - STMicroelectronics STA333IS Datasheet HTML 32Page - STMicroelectronics STA333IS Datasheet HTML 33Page - STMicroelectronics STA333IS Datasheet HTML 34Page - STMicroelectronics STA333IS Datasheet HTML 35Page - STMicroelectronics STA333IS Datasheet HTML 36Page - STMicroelectronics STA333IS Datasheet HTML 37Page - STMicroelectronics STA333IS Datasheet HTML 38Page - STMicroelectronics STA333IS Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
DocID022855 Rev 3
35/43
STA333IS
Register description
5.9
Reserved registers (addr 0x2E, 0x2F, 0x30, 0x31)
These registers are not to be used.
5.10
Postscale registers (addr 0x32, 0x33)
Postscale
The STA333IS provides one additional multiplication after the last interpolation stage and
the distortion compensation on each channel, which can be used to limit the maximum
modulation index and therefore the peak current through the power device. The register
values represent an 8-bit signed fractional number. This number is extended to a 24-bit
number, by adding zeros to the right, and then directly multiplied by the data on that
channel. An independent postscale is provided for each channel but all channels can use
channel 1 postscale factor by setting the postscale link bit. By default, all postscale factors
are set to 0x7F (pass-through).
5.11
Output limit register (addr 0x34)
5.11.1
Thermal and overcurrent warning output limit register
The STA333IS provides a simple mechanism for reacting to a thermal or overcurrent
warning in the power device. When the TWARN or OCWARN status bit is asserted, the
output is limited to the OLIM setting. The limit can be adjusted by modifying the thermal
warning/overcurrent output limit value. As for the normal postscale, the register value
represents an 8-bit signed fractional number. This number is extended to a 24-bit number,
by adding zeros to the right, and then directly multiplied by the data on both channels. The
scaling value range is from 0x80 = -1 to 0x7F = 0.992. To avoid phase changes in the output
signal only the positive range is used (0x00 to 0x7F). The default setting of 0x5A provides a
-3-dB limit.
If the cause of the limiting is a thermal warning, the output limiting is removed when the
thermal warning situation disappears. If the cause of the limiting is an overcurrent warning,
output limiting remains in effect until the device is reset.
D7
D6
D5
D4
D3
D2
D1
D0
C1PS7
C1PS6
C1PS5
C1PS4
C1PS3
C1PS2
C1PS1
C1PS0
01111111
D7
D6
D5
D4
D3
D2
D1
D0
C2PS7
C2PS6
C2PS5
C2PS4
C2PS3
C2PS2
C2PS1
C2PS0
01111111
D7
D6
D5
D4
D3
D2
D1
D0
OLIM7
OLIM6
OLIM5
OLIM4
OLIM3
OLIM2
OLIM1
OLIM0
01011
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com