Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 16Page - STMicroelectronics STA333IS Datasheet HTML 17Page - STMicroelectronics STA333IS Datasheet HTML 18Page - STMicroelectronics STA333IS Datasheet HTML 19Page - STMicroelectronics STA333IS Datasheet HTML 20Page - STMicroelectronics STA333IS Datasheet HTML 21Page - STMicroelectronics STA333IS Datasheet HTML 22Page - STMicroelectronics STA333IS Datasheet HTML 23Page - STMicroelectronics STA333IS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Register description
STA333IS
20/43
DocID022855 Rev 3
5.1
Configuration registers (addr 0x00 to 0x05)
5.1.1
Configuration register A (addr 0x00)
Master clock select
The STA333IS supports sampling rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
176.4 kHz, and 192 kHz. Therefore the internal clock is:
•
32.768 MHz for 32 kHz
•
45.1584 MHz for 44.1 kHz, 88.2 kHz, and 176.4 kHz
•
49.152 MHz for 48 kHz, 96 kHz, and 192 kHz
The external clock frequency provided to the XTI pin must be a multiple of the input
sampling frequency (fS).
The relationship between the input clock and the input sampling rate is determined by both
the MCSx and the IR (input rate) register bits. The MCSx bits determine the PLL factor
generating the internal clock and the IR bit determines the oversampling ratio used
internally.
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
TWAB
TWRB
IR1
IR0
MCS2
MCS1
MCS0
01
10
00
1
1
Table 9. Master clock select
Bit
R/W
RST
Name
Description
0R/W
1MCS0
Master clock select: Selects the ratio between the
input I2S sampling frequency and the input clock.
1R/W
1MCS1
2R/W
0MCS2
Table 10. MCS bits
Input sampling rate
fS (kHz)
IR
MCS[2:0]
101
100
011
010
001
000
32, 44.1, 48
00
576 * fS
128 * fS
256 * fS
384 * fS 512 * fS 768 * fS
88.2, 96
01
NA
64 * fS
128 * fS
192 * fS 256 * fS 384 * fS
176.4, 192
1X
NA
32 * fS
64 * fS
96 * fS 128 * fS 192 * fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com