Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 19Page - STMicroelectronics STA333IS Datasheet HTML 20Page - STMicroelectronics STA333IS Datasheet HTML 21Page - STMicroelectronics STA333IS Datasheet HTML 22Page - STMicroelectronics STA333IS Datasheet HTML 23Page - STMicroelectronics STA333IS Datasheet HTML 24Page - STMicroelectronics STA333IS Datasheet HTML 25Page - STMicroelectronics STA333IS Datasheet HTML 26Page - STMicroelectronics STA333IS Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DocID022855 Rev 3
23/43
STA333IS
Register description
Serial audio input interface format
Serial data interface
The STA333IS audio serial input interfaces with standard digital audio components and
accepts a number of serial data formats. The STA333IS always acts as a slave when
receiving audio input from standard digital audio components. Serial data for two channels
is provided using three inputs: left/right clock LRCKI, serial clock BICKI, and serial data SDI.
Bits SAIx and bit SAIFB are used to specify the serial data format. The default serial data
format is I2S, MSB first. Available formats are shown in the tables that follow.
Serial data first bit
Table 16. Serial audio input interface format
Bit
R/W
RST
Name
Description
0R/W
0SAI0
Determines the interface format of the input serial
digital audio interface.
1R/W
0SAI1
2R/W
0SAI2
3R/W
0SAI3
Table 17. Serial data first bit
SAIFB
Format
0
MSB-first
1
LSB-first
Table 18. Support serial audio input formats for MSB-first (SAIFB = 0)
BICKI
SAI [3:0]
SAIFB
Interface format
32 * fS
0000
0
I2S 15-bit data
0001
0
Left/right justified 16-bit data
48* fS
0000
0
I2S 16- to 23-bit data
0001
0
Left-justified 16- to 24-bit data
0010
0
Right-justified 24-bit data
0110
0
Right-justified 20-bit data
1010
0
Right-justified 18-bit data
1110
0
Right-justified 16-bit data
64* fS
0000
0
I2S 16- to 24-bit data
0001
0
Left-justified 16- to 24-bit data
0010
0
Right-justified 24-bit data
0110
0
Right-justified 20-bit data
1010
0
Right-justified 18-bit data
1110
0
Right-justified 16-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com