Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 15Page - STMicroelectronics STA333IS Datasheet HTML 16Page - STMicroelectronics STA333IS Datasheet HTML 17Page - STMicroelectronics STA333IS Datasheet HTML 18Page - STMicroelectronics STA333IS Datasheet HTML 19Page - STMicroelectronics STA333IS Datasheet HTML 20Page - STMicroelectronics STA333IS Datasheet HTML 21Page - STMicroelectronics STA333IS Datasheet HTML 22Page - STMicroelectronics STA333IS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
DocID022855 Rev 3
19/43
STA333IS
Register description
5
Register description
Table 8. Register summary
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
0x00
CONFA
FDRB
TWAB
TWRB
IR1
IR0
MCS2
MCS1
MCS0
0x01
CONFB
C2IM
C1IM
Reserved
SAIFB
SAI3
SAI2
SAI1
SAI0
0x02
CONFC
OCRB
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
0x03
CONFD
Reserved
ZDE
Reserved
0x04
CONFE
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
0x05
CONFF
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
Reserved
0x06
MUTE
Reserved
C2M
C1M
MMUTE
0x07
MVOL
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
0x08
C1VOL
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
0x09
C2VOL
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
0x0C
AUTO
Reserved
AMAM2
AMAM1
AMAM0
AMAME
0x0E
C1CFG
Reserved
C1VBP
Reserved
0x0F
C2CFG
Reserved
C2VBP
Reserved
0x27
MPCC1
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
0x28
MPCC2
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
0x29
DCC1
DCC15
DCC14
DCC13
DCC12
DCC11
DCC10
DCC9
DCC8
0x2A
DCC2
DCC7
DCC6
DCC5
DCC4
DCC3
DCC2
DCC1
DCC0
0x2B
FDRC1
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
0x2C
FDRC2
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
0x2D
STATUS
PLLUL
FAULT
UVFAULT
OVFAULT
OCFAULT
OCWARN
TFAULT
TWARN
0x2E
BIST1
Reserved
RO1BACT
R5BACT
R1BACT
0x2F
BIST2
Reserved
R01BEND
R5BEND
R1BEND
0x30
BIST3
Reserved
R5BBAD
R1BBAD
0x31
TSTCTL
Reserved
0x32
C1PS
C1PS7
C1PS6
C1PS5
C1PS4
C1PS3
C1PS2
C1PS1
C1PS0
0x33
C2PS
C2PS7
C2PS6
C2PS5
C2PS4
C2PS3
C2PS2
C2PS1
C2PS0
0x34
OLIM
OLIM7
OLIM6
OLIM5
OLIM4
OLIM3
OLIM2
OLIM1
OLIM0
0x35
SHEN
Reserved
ENABLE_SH
Reserved
0x36
Reserved
0x37
SHORT
SHGND1A
SHGND1B
SHGND2A
SHGND2B
SHVCC1A
SHVCC1B
SHVCC2A
SHVCC2B
0x38
SHOUT
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SHOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com