Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 35Page - STMicroelectronics STA333IS Datasheet HTML 36Page - STMicroelectronics STA333IS Datasheet HTML 37Page - STMicroelectronics STA333IS Datasheet HTML 38Page - STMicroelectronics STA333IS Datasheet HTML 39Page - STMicroelectronics STA333IS Datasheet HTML 40Page - STMicroelectronics STA333IS Datasheet HTML 41Page - STMicroelectronics STA333IS Datasheet HTML 42Page - STMicroelectronics STA333IS Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Revision history
STA333IS
42/43
DocID022855 Rev 3
8
Revision history
Table 49. Document revision history
Date
Revision
Changes
16-Jan-2013
1
Initial release.
11-Mar-2013
2
Document status promoted to “production data”
Updated Description on page 1
Updated Table 1: Device summary on page 1
Updated VCC (max) in Table 3: Absolute maximum ratings
Updated RTh(j-case) in Table 4: Thermal data
Updated Vol and Voh in Table 6: Electrical characteristics for digital section
Updated Table 7: Electrical specifications for power section
Updated Figure 6: I2S
Updated Figure 7: Left-justified
Updated Section 4.2: Device addressing
Updated Table 19: Supported serial audio input formats for LSB-first (SAIFB = 1)
Updated Figure 11
02-Apr-2013
3
Textual update in Table 4: Thermal data
Added Figure 12: Recommended soldering reflow profile for mounting on PCB
Added Table 47: Recommended soldering reflow values for mounting on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com