Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 13Page - STMicroelectronics STA333IS Datasheet HTML 14Page - STMicroelectronics STA333IS Datasheet HTML 15Page - STMicroelectronics STA333IS Datasheet HTML 16Page - STMicroelectronics STA333IS Datasheet HTML 17Page - STMicroelectronics STA333IS Datasheet HTML 18Page - STMicroelectronics STA333IS Datasheet HTML 19Page - STMicroelectronics STA333IS Datasheet HTML 20Page - STMicroelectronics STA333IS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
DocID022855 Rev 3
17/43
STA333IS
I2C bus specification
4.3
Write operation
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA333IS acknowledges this and then waits for the byte of internal address. After
receiving the internal byte address, the STA333IS again responds with an
acknowledgement.
4.3.1
Byte write
In the byte write mode the master sends one data byte which is acknowledged by the
STA333IS. The master then terminates the transfer by generating a STOP condition.
4.3.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generating a
STOP condition terminates the transfer.
Figure 8. Write-mode sequence
4.4
Read operation
4.4.1
Current address byte read
Following the START condition the master sends a device select code with the RW bit set
to 1. The STA333IS acknowledges this and then responds by sending one byte of data. The
master then terminates the transfer by generating a STOP condition.
4.4.2
Current address multi-byte read
The multi-byte read modes can start from any internal address. Sequential data bytes are
read from sequential addresses within the STA333IS. The master acknowledges each data
byte read and then generates a STOP condition, terminating the transfer.
4.4.3
Random address byte read
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA333IS acknowledges this and then the master writes the internal address byte.
After receiving the internal byte address, the STA333IS again responds with an
acknowledgement. The master then initiates another START condition and sends the device
select code with the RW bit set to 1. The STA333IS acknowledges this and then responds
by sending one byte of data. The master then terminates the transfer by generating a STOP
condition.
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATAIN
ACK
STOP
BYTE
WRITE
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATAIN
ACK
STOP
MULTIBYTE
WRITE
DATAIN
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com