Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 30Page - STMicroelectronics STA333IS Datasheet HTML 31Page - STMicroelectronics STA333IS Datasheet HTML 32Page - STMicroelectronics STA333IS Datasheet HTML 33Page - STMicroelectronics STA333IS Datasheet HTML 34Page - STMicroelectronics STA333IS Datasheet HTML 35Page - STMicroelectronics STA333IS Datasheet HTML 36Page - STMicroelectronics STA333IS Datasheet HTML 37Page - STMicroelectronics STA333IS Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Register description
STA333IS
34/43
DocID022855 Rev 3
5.7
Fault-detect recovery constant registers (addr 0x2B, 0x2C)
The FDRC bits specify the 16-bit fault-detect recovery time delay. When status register bit
FAULT is asserted, the tristate output is immediately asserted low and held low for the time
period specified by this constant. A value of 0x0001 in this register is approximately
0.083 ms. The default value of 0x000C gives approximately 0.1 ms.
Note:
0x0000 is a reserved value for this register pair. This value must not be used.
5.8
Device status register (addr 0x2D)
This read-only register provides the fault, warning and PLL status from the power control
block.
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00
00
11
0
0
D7
D6
D5
D4
D3
D2
D1
D0
PLLUL
FAULT
UVFAULT
OVFAULT
OCFAULT
OCWARN
TFAULT
TWARN
Table 45. Status bits description
Bit
R/W
RST
Name
Description
0RO
-
TWARN
Thermal warning:
0: junction temperature is close to the fault condition
1: normal operation
1RO
-
TFAULT
Thermal fault:
0: junction temperature limit detection
1: normal operation
2RO
-
OCWARN
Overcurrent warning:
0: warning
1: normal operation
3RO
-
OCFAULT
Overcurrent fault:
0: fault detected
1: normal operation
4
---
Reserved
5
RO
-
UVFAULT
Undervoltage warning:
0: VCCx below lower voltage threshold
1: normal operation
6RO
-
FAULT
Power bridge fault:
0: fault detected
1: normal operation
7
RO
-
PLLUL
PLL lock:
0: locked
1: not locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com