Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333IS Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 23Page - STMicroelectronics STA333IS Datasheet HTML 24Page - STMicroelectronics STA333IS Datasheet HTML 25Page - STMicroelectronics STA333IS Datasheet HTML 26Page - STMicroelectronics STA333IS Datasheet HTML 27Page - STMicroelectronics STA333IS Datasheet HTML 28Page - STMicroelectronics STA333IS Datasheet HTML 29Page - STMicroelectronics STA333IS Datasheet HTML 30Page - STMicroelectronics STA333IS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DocID022855 Rev 3
27/43
STA333IS
Register description
Max power correction
Setting the MPC bit turns on special processing that corrects the STA333IS power device at
high power. This mode lowers the THD+N of a full FFX system at maximum power output
and slightly below. If enabled, MPC is operational in all output modes except tapered
(OM[1:0] = 01) and binary. When OCFG = 00, MPC does not affect channels 3 and 4, the
line-out channels.
Noise-shaper bandwidth selection
AM mode enable
The STA333IS features an FFX processing mode that minimizes the amount of noise
generated in the frequency range of AM radio. This mode is intended for use when FFX is
operating in a device with an active AM tuner. The SNR of the FFX processing is reduced to
approximately 83 dB in this mode, which is still greater than the SNR of AM radio.
PWM speed mode
Distortion compensation variable enable
Table 26. Max power correction
Bit
R/W
RST
Name
Description
1R/W
1MPC
1: enable power bridge correction for THD reduction
near maximum power output.
Table 27. Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2R/W
0NSBW
1: 3rd order NS
0: 4th order NS
Table 28. AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0AME
0: normal FFX operation
1: AM reduction mode FFX operation
Table 29. PWM speed mode
Bit
R/W
RST
Name
Description
4R/W
0PWMS
0: normal speed (384 kHz) all channels
1: odd speed (341.3 kHz) all channels
Table 30. Distortion compensation variable enable
Bit
R/W
RST
Name
Description
5R/W
0DCCV
0: uses preset DC coefficient
1: uses DCC coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com