Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1644ZDU6 Datasheet(PDF) 203 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 203 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 199Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 200Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 201Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 202Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 203Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 204Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 205Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 206Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 306 page
background image
6.9 External Memory Interface (EMIF)
6.9.1
Asynchronous EMIF (EMIFA)
6.9.2
NAND (NAND, SmartMedia, xD)
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
DM6437 supports several memory and external device interfaces, including:
• Asynchronous EMIF (EMIFA) for interfacing to NOR Flash, SRAM, etc.
• NAND Flash
The DM6437 Asynchronous EMIF (EMIFA) provides an 8-bit data bus, an address bus width up to 24-bits,
and 4 chip selects, along with memory control signals. These signals are multiplexed between these
peripherals:
• EMIFA and NAND interfaces
• VPFE (CCDC)
• VPBE (VENC)
• PCI
• GPIO
The EMIFA interface provides both the asynchronous EMIF and NAND interfaces. Four chip selects are
provided and each are individually configurable to provide either EMIFA or NAND support. The NAND
features supported are as follows.
• NAND flash on up to 4 asynchronous chip selects.
• 8-bit data bus width
• Programmable cycle timings.
• Performs ECC calculation.
• NAND Mode also supports SmartMedia and xD memory cards
• Boot ROM supports booting of the DM6437 from NAND flash located at CS2
The memory map for EMIFA and NAND registers is shown in Table 6-23. For more details on the EMIFA
and NAND interfaces, see Section 2.9, Documentation Support for the link to the TMS320DM643x DMP
Peripherals
Overview
Reference
Guide
(literature
number
SPRU983)
for
the
TMS320DM643x
Asynchronous External Memory Interface (EMIF) User's Guide (literature number SPRU984).
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com