| Electronic Components Datasheet Search |
|
TNETV1644ZDU6 Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 306 page ![]() 3.2 Power Considerations TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com The DM6437 provides several means of managing power consumption. As described in the Section 6.3.4, DM6437 Power and Clock Domains, the DM6437 has one single power domain—the “Always On” power domain. Within this power domain, the DM6437 utilizes local clock gating via the Power and Sleep Controller (PSC) to achieve power savings. For more details on the PSC, see Section 6.3.5, Power and Sleep Controller (PSC) and the TMS320DM643x DMP DSP Subsystem Reference Guide (literature number SPRU978). Some of the DM6437 peripherals support additional power saving features. For more details on power saving features supported, see the peripheral-specific reference guides [listed/linked in the TMS320DM643x DMP Peripherals Overview Reference Guide (literature number SPRU983). Most DM6437 3.3-V I/Os can be powered-down to reduce power consumption. The VDD3P3V_PWDN register in the System Module (see Figure 3-1) is used to selectively power down unused 3.3-V I/O pins. For independent control, the 3.3-V I/Os are separated into functional groups—most of which are named according to the pin multiplexing groups (see Table 3-2). For these I/O groups, only the I/O buffers needed for Host/EMIFA Boot or Power-Up Operations are powered up by default (CLKOUT Block, EMIFA/VPSS Block, Host Block, PCI Data Block, and GPIO Block). Note: To save power, all other I/O buffers are powered down by default. Before using these pins, the user must program the VDD3P3V_PWDN register to power up the corresponding I/O buffers. For a list of multiplexed pins on the device and the pin mux group each pin belongs to, see Section 3.7.3.1, Multiplexed Pins on DM6437. Note: The VDD3P3V_PWDN register only controls the power to the I/O buffers. The Power and Sleep Controller (PSC) determines the clock/power state of the peripheral. 31 16 RESERVED R-0000 0000 0000 0000 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED PCIDAT EMBK3 UR0FC UR0DAT TIMER1 TIMER0 SP PWM1 GPIO HOST EMBK2 EMBK1 EMBK0 CLKOUT R-00 R/W-0 R/W-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 LEGEND: R/W = Read/Write; R = Read only; -n = value after reset Figure 3-1. VDD3P3V_PWDN Register— 0x01C4 0048 Device Configurations 74 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |