| Electronic Components Datasheet Search |
|
TNETV1644ZDU6 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 306 page ![]() TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 Table 2-11. EMIFA Terminal Functions (EMIFA Pinout Mode 3, AEM[2:0] = 011) (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. CI0(CCD8)/ EM_A[20]/ IPD C12 C15 I/O/Z PINTA/ DVDD33 EM_D[7]/GP[44] CI1(CCD9)/ EM_A[19]/ IPD B12 C14 I/O/Z PREQ/ DVDD33 EM_D[6]/GP[45] CI2(CCD10)/ EM_A[18]/ IPD D11 A14 I/O/Z PRST/ DVDD33 EM_D[5]/GP[46] CI3(CCD11)/ EM_A[17]/ IPD A11 B14 I/O/Z This pin is multiplexed between VPFE (CCDC), EMIFA, PCI, and AD31/ DVDD33 GPIO. EM_D[4]/GP[47] CI4(CCD12)/ For EMIFA (AEM[2:0] = 011], these pins are the 8-bit bi-directional EM_A[16]/ IPD data bus (EM_D[7:0]). C11 B13 I/O/Z PGNT/ DVDD33 EM_D[3]/GP[48] CI5(CCD13)/ EM_A[15]/ IPD B11 C13 I/O/Z AD29/ DVDD33 EM_D[2]/GP[49] CI6(CCD14)/ EM_A[14]/ IPD A10 A13 I/O/Z AD27/ DVDD33 EM_D[1]/GP[50] CI7(CCD15)/ EM_A[13]/ IPD B10 A12 I/O/Z AD25/ DVDD33 EM_D[0]/GP[51] This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[12]/PCBE3/ IPD D10 B12 I/O/Z GP[89] DVDD33 For EMIFA, it is address bit 12 output EM_A[12]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[11]/AD24/ IPD C10 C12 I/O/Z GP[90] DVDD33 For EMIFA, it is address bit 11 output EM_A[11]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[10]/AD23/ IPD A9 B11 I/O/Z GP[91] DVDD33 For EMIFA, it is address bit 10 output EM_A[10]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[9]/PIDSEL/ IPD D9 C11 I/O/Z GP[92] DVDD33 For EMIFA, it is address bit 9 output EM_A[9]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[8]/AD21/ IPD B9 A11 I/O/Z GP[93] DVDD33 For EMIFA, it is address bit 8 output EM_A[8]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[7]/AD22/ IPD C9 C10 I/O/Z GP[94] DVDD33 For EMIFA, it is address bit 7 output EM_A[7]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[6]/AD20/ IPD D8 B10 I/O/Z GP[95] DVDD33 For EMIFA, it is address bit 6 output EM_A[6]. This pin is multiplexed between EMIFA, PCI, and GPIO. EM_A[5]/AD19/ IPD B8 A10 I/O/Z GP[96] DVDD33 For EMIFA, it is address bit 5 output EM_A[5]. R0/EM_A[4]/ This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO. IPD GP[10]/ A17 B21 I/O/Z DVDD33 For EMIFA, it is address bit 4 output EM_A[4]. (AEAW2/PLLMS2) Submit Documentation Feedback Device Overview 35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |