| Electronic Components Datasheet Search |
|
TNETV1644ZDU6 Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 306 page ![]() TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com Table 2-11. EMIFA Terminal Functions (EMIFA Pinout Mode 3, AEM[2:0] = 011) (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO. B0/LCD_FIELD/ IPD B18 D21 I/O/Z EM_A[3]/GP[11] DVDD33 For EMIFA, it is address bit 3 output EM_A[3]. B1/EM_A[2]/ This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO. IPD (CLE)/GP[8]/ B16 A20 I/O/Z DVDD33 For EMIFA, it is address bit 2 output EM_A[2]. (AEAW0/PLLMS0) G1/EM_A[1]/ This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO. IPD (ALE)/GP[9]/ A16 B20 I/O/Z DVDD33 For EMIFA, it is address output EM_A[1]. (AEAW1/PLLMS1) This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO. For EMIFA, this is Address output EM_A[0], which is the least R1/ EM_A[0]/ IPD B17 C21 I/O/Z significant bit on a 32-bit word address. GP[7]/(AEM2) DVDD33 For an 8-bit asynchronous memory, this pin is the 3rd bit of the address. EMIFA FUNCTIONAL PINS: 8-Bit NAND (EMIFA Pinout Mode 3, AEM[2:0] = 011) This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and G1/EM_A[1]/ GPIO. IPD (ALE)/GP[9]/ A16 B20 I/O/Z DVDD33 When used for EMIFA (NAND) , this pin is the Address Latch Enable (AEAW1/PLLMS1) output (ALE). This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and B1/EM_A[2]/ GPIO. IPD (CLE)/GP[8]/ B16 A20 I/O/Z DVDD33 When used for EMIFA (NAND) , this pin is the Command Latch (AEAW0/PLLMS0) Enable output (CLE). EM_WAIT/ IPU E15 D20 I/O/Z When used for EMIFA (NAND), it is ready/busy input (RDY/BSY). (RDY/BSY) DVDD33 IPU EM_OE D15 D19 I/O/Z When used for EMIFA (NAND), this pin is read enable output (RE). DVDD33 IPU EM_WE E14 C19 I/O/Z When used for EMIFA (NAND), this pin is write enable output (WE). DVDD33 This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and GPIO. For EMIFA, this pin is Chip Select 2 output EM_CS2 for use with NAND flash. G0/EM_CS2/ IPD C19 C22 I/O/Z This is the chip select for the default boot and ROM boot modes. GP[12] DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and GPIO. For EMIFA, this pin is Chip Select 3 output EM_CS3 for use with LCD_OE/EM_CS3/ IPD NAND flash. C18 D22 I/O/Z GP[13] DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. This pin is multiplexed between VPBE (VENC), EMIFA (NAND), and GPIO. For EMIFA, it is Chip Select 4 output EM_CS4 for use with NAND VSYNC/EM_CS4/ IPD flash. E19 H22 I/O/Z GP[32] DVDD33 Note: This pin features an internal pulldown (IPD). If this pin is connected and used as an EMIFA chip select signal, for proper device operation, an external pullup resistor must be used to ensure the EM_CSx function defaults to an inactive (high) state. Device Overview 36 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |