Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1644ZDU6 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 47Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 48Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 49Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 50Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 51Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 52Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 53Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 54Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 2-19. VPFE Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
VIDEO/IMAGE IN (VPFE)
This pin is multiplexed between the VPFE (CCDC) and GPIO.
IPD
In VPFE mode, this pin is the pixel clock input (PCLK) used to load
PCLK/GP[54]
A14
A18
I/O/Z
DVDD33
image data into the CCD Controller (CCDC) on pins CI[7:0] and
YI[7:0].
This pin is multiplexed between the VPFE (CCDC) and GPIO.
IPD
In VPFE mode, this pin is the vertical synchronization signal (VD) that
VD/GP[53]
A13
A17
I/O/Z
DVDD33
can be either an input (slave mode) or an output (master mode),
which signals the start of a new frame to the CCDC.
This pin is multiplexed between the VPFE (CCDC) and GPIO.
IPD
In VPFE mode, this pin is the horizontal synchronization signal (HD)
HD/GP[52]
A15
A19
I/O/Z
DVDD33
that can be either an input (slave mode) or an output (master mode),
which signals the start of a new line to the CCDC.
This pin is multiplexed between the VPFE (CCDC), EMIFA, PCI, and
GPIO.
CI7(CCD15)/
When used by the CCDC as input CI7, it supports several modes:
EM_A[13]/
IPD
In 16-bit CCD Raw mode, it is input CCD15.
B10
A12
I/O/Z
AD25/
DVDD33
In 16-bit YCbCr mode, it is time multiplexed between CB7 and CR7
EM_D[0]/GP[51]
inputs.(4)
In 8-bit YCbCr mode, it is time multiplexed between Y7, CB7, and
CR7 of the upper 8-bit channel.(4)
This pin is multiplexed between the VPFE (CCDC), EMIFA, PCI, and
GPIO.
CI6(CCD14)/
When used by the CCDC as input CI6, it supports several modes:
EM_A[14]/
IPD
In 16-bit CCD Raw mode, it is input CCD14.
A10
A13
I/O/Z
AD27/
DVDD33
In 16-bit YCbCr mode, it is time multiplexed between CB6 and CR6
EM_D[1]/GP[50]
inputs.(4)
In 8-bit YCbCr mode, it is time multiplexed between Y6, CB6, and
CR6 of the upper 8-bit channel.(4)
This pin is multiplexed between the VPFE (CCDC), EMIFA, PCI, and
GPIO.
CI5(CCD13)/
When used by the CCDC as input CI5, it supports several modes:
EM_A[15]/
IPD
In 16-bit CCD Raw mode, it is input CCD13.
B11
C13
I/O/Z
AD29/
DVDD33
In 16-bit YCbCr mode, it is time multiplexed between CB5, and CR5
EM_D[2]/GP[49]
inputs.(4)
In 8-bit YCbCr mode, it is time multiplexed between Y5, CB5, and
CR5 of the upper 8-bit channel.(4)
This pin is multiplexed between the VPFE (CCDC), EMIFA, PCI, and
GPIO.
CI4(CCD12)/
When used by the CCDC as input CI4, it supports several modes:
EM_A[16]/
IPD
C11
B13
I/O/Z
In 16-bit CCD Raw mode, it is input CCD12.
PGNT/
DVDD33
In 16-bit YCbCr mode, it is time multiplexed between CB4, and CR4
EM_D[3]/GP[48]
inputs.(4)
In 8-bit YCbCr mode, it is time multiplexed between Y4, CB4, and
CR4 of the upper 8-bit channel.(4)
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
(4)
In addition to these default functions, in YCbCr mode, the VPFE CCD Configuration register CCDCFG.YCINSWP bit field allows the
user to swap the function of the YI[7:0] and CI[7:0] pins.
Submit Documentation Feedback
Device Overview
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com