| Electronic Components Datasheet Search |
|
TNETV1644ZDU6 Datasheet(PDF) 95 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Datasheet(HTML) 95 Page - Texas Instruments |
|
95 / 306 page ![]() 3.6 Configurations After Reset 3.6.1 Switch Central Resource (SCR) Bus Priorities TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 The following sections provide details on configuring the device after reset. Multiplexed pins are configured both at and after reset. Section 3.5.1, Device and Peripheral Configurations at Device Reset, discusses multiplexed pin control at reset. For more details on multiplexed pins control after reset, see Section 3.7 , Multiplexed Pin Configurations. Prioritization within the Switched Central Resource (SCR) is programmable for each master. The register bit fields and default priority levels for DM6437 bus masters are shown in Table 3-13, DM6437 Default Bus Master Priorities. The priority levels should be tuned to obtain the best system performance for a particular application. Lower values indicate higher priority. For most masters, their priority values are programmed at the system level by configuring the MSTPRI0 and MSTPRI1 registers. Details on the MSTPRI0/1 registers are shown in Figure 3-6 and Figure 3-7. The C64x+, VPSS, and EDMA masters contain registers that control their own priority values. Table 3-13. DM6437 Default Bus Master Priorities Priority Bit Field Bus Master Default Priority Level VPSSP VPSS 0 (VPSS PCR Register) EDMATC0P EDMATC0 0 (EDMACC QUEPRI Register) EDMATC1P EDMATC1 0 (EDMACC QUEPRI Register) EDMATC2P EDMATC2 0 (EDMACC QUEPRI Register) C64X+_DMAP C64X+ (DMA) 7 (C64x + MDMAARBE.PRI field) C64X+_CFGP C64X+ (CFG) 1 (MSTPRI0 Register) EMACP EMAC 4 (MSTPRI1 Register) VLYNQP VLYNQ 4 (MSTPRI1 Register) HPIP HPI 4 (MSTPRI1 Register) PCIP PCI 4 (MSTPRI1 Register) 31 16 RESERVED R-0000 0000 0000 0000 15 11 10 8 7 0 RESERVED C64X+_CFGP RESERVED R-0000 0 R/W-001 R-0000 0000 LEGEND: R = Read; W = Write; -n = value after reset Figure 3-6. MSTPRI0 Register— 0x01C4 003C Table 3-14. MSTPRI0 Register Description Bit Field Name Description 31:11 RESERVED Reserved. Read-only, writes have no effect. C64X+_CFG master port priority in System Infrastructure. 000 = Priority 0 (Highest) 100 = Priority 4 10:8 C64X+_CFGP 001 = Priority 1 101 = Priority 5 010 = Priority 2 110 = Priority 6 011 = Priority 3 111 = Priority 7 (Lowest) Submit Documentation Feedback Device Configurations 95 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |