Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1644ZDU6 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 50Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 51Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 52Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 53Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 54Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 55Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 56Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 57Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 306 page
background image
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 2-20. VPBE Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
VIDEO OUT (VPBE)
HSYNC/EM_CS5/
IPD
This pin is multiplexed between VPBE, EMIFA, and GPIO.
F19
J22
I/O/Z
GP[33]
DVDD33
In VPBE mode, this pin is the VPBE Horizontal Sync (I/O/Z).
VSYNC/EM_CS4/
IPD
This pin is multiplexed between VPBE, EMIFA, and GPIO.
E19
H22
I/O/Z
GP[32]
DVDD33
In VPBE mode, this pin is the VPBE Vertical Sync (I/O/Z).
IPD
This pin is multiplexed between VPBE and GPIO.
VCLK/GP[31]
D19
G22
I/O/Z
DVDD33
In VPBE mode, this pin is the VPBE Clock Output.
IPD
This pin is multiplexed between VPBE and GPIO.
VPBECLK/GP[30]
G19
K22
I/O/Z
DVDD33
In VPBE mode, this pin is the VPBE Clock Input.
COUT0/EM_D[0]/
IPD
This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO.
D16
E21
I/O/Z
GP[14]
DVDD33
In VPBE mode, this pin is the video encoder (VENC) output COUT0.
COUT1/EM_D[1]/
IPD
This pin is multiplexed between VPBE(VENC), EMIFA, and GPIO.
D18
G20
I/O/Z
GP[15]
DVDD33
In VPBE mode, this pin is the video encoder (VENC) output COUT1.
COUT2/EM_D[2]/
IPD
This pin is multiplexed between VPBE(VENC), EMIFA, and GPIO.
D17
E22
I/O/Z
GP[16]
DVDD33
In VPBE mode, this pin is the video encoder (VENC) output COUT2.
COUT3/EM_D[3]/
IPD
This pin is multiplexed between VPBE(VENC), EMIFA, and GPIO.
E16
F20
I/O/Z
GP[17]
DVDD33
In VPBE mode, this pin is the video encoder (VENC) output COUT3.
COUT4/EM_D[4]/
IPD
This pin is multiplexed between VPBE(VENC), EMIFA, and GPIO.
E18
G21
I/O/Z
GP[18]
DVDD33
In VPBE mode, this pin is the video encoder (VENC) output COUT4.
COUT5/EM_D[5]/
IPD
This pin is multiplexed between VPBE(VENC), EMIFA, and GPIO.
E17
F22
I/O/Z
GP[19]
DVDD33
In VPBE mode, this pin is the video encoder (VENC) output COUT5.
COUT6/EM_D[6]/
IPD
This pin is multiplexed between VPBE(VENC), EMIFA, and GPIO.
F16
F21
I/O/Z
GP[20]
DVDD33
In VPBE mode, this pin is the video encoder (VENC) output COUT6.
COUT7/EM_D[7]/
IPD
This pin is multiplexed between VPBE (VENC), EMIFA, and GPIO.
F17
H20
I/O/Z
GP[21]
DVDD33
In VPBE mode, this pin is the video encoder (VENC) output COUT7.
YOUT0/GP[22]/
IPD
F18
J20
I/O/Z
(BOOTMODE0)
DVDD33
YOUT1/GP[23]/
IPD
F15
K20
I/O/Z
(BOOTMODE1)
DVDD33
YOUT2/GP[24]/
IPD
These pins are multiplexed between VPBE (VENC) and GPIO.
G15
L20
I/O/Z
(BOOTMODE2)
DVDD33
After reset, these are video encoder (VENC) outputs 6:0, YOUT[6:0].
YOUT3/GP[25]/
IPD
For proper DM6437 device operation, the YOUT6 pin must be pulled
G16
H21
I/O/Z
(BOOTMODE3)
DVDD33
down via an external resistor.
For proper DM6437 device operation, the YOUT5 pin must be pulled
YOUT4/GP[26]/
IPD
G17
K19
I/O/Z
up via an external resistor.
(FASTBOOT)
DVDD33
IPU
YOUT5/GP[27]
H17
L19
I/O/Z
DVDD33
YOUT6/
IPD
H16
J21
I/O/Z
GP[28]
DVDD33
YOUT7/
IPD
This pin is multiplexed between VPBE (VENC) and GPIO.
H15
K21
I/O/Z
GP[29]
DVDD33
In VPBE mode, this pin is the VENC output 7, YOUT7.
LCD_OE/EM_CS3/
IPD
This pin is multiplexed between VPBE, EMIFA, and GPIO.
C18
D22
I/O/Z
GP[13]
DVDD33
In VPBE mode, it is the LCD output enable LCD_OE (O/Z).
This pin is multiplexed between VPBE, EMIFA, and GPIO.
G0/EM_CS2/
IPD
C19
C22
I/O/Z
In VPBE mode, this pin is the RGB666/888 Green output data bit 0,
GP[12]
DVDD33
G0.
This pin is multiplexed between VPBE, EMIFA, and GPIO.
B0/LCD_FIELD/
IPD
B18
D21
I/O/Z
In VPBE mode, this pin is the RGB666/888 Blue output data bit 0, B0
EM_A[3]/GP[11]
DVDD33
or LCD interlaced LCD_FIELD (I/O/Z).
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Device Overview
54
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com