| Electronic Components Datasheet Search |
|
TNETV1644ZDU6 Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 306 page ![]() TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com Table 2-19. VPFE Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. This pin is multiplexed between the VPFE (CCDC), EMIFA, PCI, and GPIO. CI3(CCD11)/ When used by the CCDC as input CI3, it supports several modes: EM_A[17]/ IPD A11 B14 I/O/Z In 16-bit CCD Raw mode, it is input CCD11. AD31/ DVDD33 In 16-bit YCbCr mode, it is time multiplexed between CB3, and CR3 EM_D[4]/GP[47] inputs.(4) In 8-bit YCbCr mode, it is time multiplexed between Y3, CB3, and CR3 of the upper 8-bit channel.(4) This pin is multiplexed between the VPFE (CCDC), EMIFA, PCI, and GPIO. CI2(CCD10)/ This pin is CCDC input CI2 and it supports several modes: EM_A[18]/ IPD D11 A14 I/O/Z In 16-bit CCD Raw mode, it is input CCD10. PRST/ DVDD33 In 16-bit YCbCr mode, it is time multiplexed between CB2, and CR2 EM_D[5]/GP[46] inputs.(4) In 8-bit YCbCr mode, it is time multiplexed between Y2, CB2, and CR2 of the upper 8-bit channel.(4) This pin is multiplexed between the VPFE (CCDC), EMIFA, PCI, and GPIO. CI1(CCD9)/ This pin is CCDC input CI1 and it supports several modes: EM_A[19]/ IPD B12 C14 I/O/Z In 16-bit CCD Raw mode, it is input CCD9. PREQ/ DVDD33 In 16-bit YCbCr mode, it is time multiplexed between CB1, and CR1 EM_D[6]/GP[45] inputs.(4) In 8-bit YCbCr mode, it is time multiplexed between Y1, CB1, and CR1 of the upper 8-bit channel.(4) This pin is multiplexed between the VPFE (CCDC), EMIFA, PCI, and GPIO. CI0(CCD8)/ This pin is CCDC input CI0 and it supports several modes: EM_A[20]/ IPD C12 C15 I/O/Z In 16-bit CCD Raw mode, it is input CCD8. PINTA/ DVDD33 In 16-bit YCbCr mode, it is time multiplexed between CB0, and CR0 EM_D[7]/GP[44] inputs.(4) In 8-bit YCbCr mode, it is time multiplexed between Y0, CB0, and CR0 of the upper 8-bit channel.(4) This pin is multiplexed between the VPFE (CCDC) and GPIO. This pin is CCDC input YI7 and it supports several modes: YI7(CCD7)/ IPD A12 A15 I/O/Z In 16-bit CCD Raw mode, it is input CCD7. GP[43] DVDD33 In 16-bit YCbCr mode, it is input Y7.(4) In 8-bit YCbCr mode, it is time multiplexed between Y7, CB7, and CR7 of the lower 8-bit channel.(4) This pin is multiplexed between the VPFE (CCDC) and GPIO. This pin is CCDC input YI6 and it supports several modes: YI6(CCD6)/ IPD B13 B15 I/O/Z In 16-bit CCD Raw mode, it is input CCD6. GP[42] DVDD33 In 16-bit YCbCr mode, it is input Y6.(4) In 8-bit YCbCr mode, it is time multiplexed between Y6, CB6, and CR6 of the lower 8-bit channel.(4) This pin is multiplexed between the VPFE (CCDC) and GPIO. This pin is CCDC input YI5 and it supports several modes: YI5(CCD5)/ IPD C13 B16 I/O/Z In 16-bit CCD Raw mode, it is input CCD5. GP[41] DVDD33 In 16-bit YCbCr mode, it is input Y5.(4) In 8-bit YCbCr mode, it is time multiplexed between Y5, CB5, and CR5 of the lower 8-bit channel.(4) Device Overview 52 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |