Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1644ZDU6 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 83Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 84Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 85Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 86Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 87Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 88Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 89Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 90Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 306 page
background image
3.4.1.5 Host Boot Modes
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
3.4.1.4.2 UART Boot
For UART Boot (BOOTMODE[3:0] = 1000b or 1110b), the bootloader programs the UART0 peripheral as
follows:
• UART0 divisor is set to 15
10
• Resulting in this UART0 baud rate in kilobit per second (kbps):
(CLKIN frequency in MHz) * 1000 / (15 * 16)
The user is responsible for ensuring the resulting baud rate is appropriate for the system. The UART0
divisor (/15) is optimized for CLKIN frequency between 27 to 29 MHz to stay within 5% of the 115200-bps
baud rate.
For more details on the UART peripheral configurations and clock generation, see the TMS320DM643x
DMP Universal Asynchronous Receiver/Transmitter (UART) User's Guide (literature number SPRU997).
3.4.1.4.3 SPI Boot
Both 16-bit address SPI Boot (BOOTMODE = 0110) and 24-bit address SPI boot are performed through
the McBSP0 peripheral. The bootloader programs the McBSP0 peripheral as follows:
• McBSP0 register settings: SRGR.CLKGDV = 2
10
• Resulting in this SPI serial clock frequency:
(SYSCLK3 frequency in MHz) / 3
SYSCLK3 frequency = SYSCLK1 frequency / 6. SYSCLK1 frequency during boot can be found in
Table 3-5, Table 3-6, Table 3-7, and/or Table 3-8 based on the boot mode selection.
For example, if BOOTMODE[3:0] = 0110b, FASTBOOT = 1, the MXI/CLKIN frequency = 27 MHz,
AEM[2:0] = 000b, PLLMS[2:0] = 100b, the combination of Table 3-7 and Table 3-8 indicates that the
device frequency (SYSCLK1) is CLKIN x 22 / 2 = 297 MHz. This means SYSCLK3 frequency is
297 / 6 = 49.5 MHz, resulting in SPI serial clock frequency of 49.5 / 3 = 16.5 MHz.
The DM6437 supports two types of host boots—PCI Boot or HPI Boot.
The PCI Boot (BOOTMODE[3:0] = 0001b or 0010b, PCIEN = 1) is only available in fastboot
(FASTBOOT = 1), as shown in Table 3-6 and Table 3-7.
The HPI Boot is available in fastboot and non-fastboot, as shown in Table 3-5, Table 3-6, and Table 3-7.
Note: The HPI HSTROBE inactive pulse duration timing requirement [tw(HSTBH)] is dependent on the HPI
internal clock source (SYSCLK3) frequency (see Section 6.13.3, HPI Electrical Data/Timing). The external
host must be aware of the SYSCLK3 frequency during boot to ensure the HSTROBE pulse duration
timing requirement is met.
Submit Documentation Feedback
Device Configurations
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com