| Electronic Components Datasheet Search |
|
TNETV1644ZDU6 Datasheet(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Datasheet(HTML) 63 Page - Texas Instruments |
|
63 / 306 page ![]() TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 Table 2-28. Timer 0, Timer 1, and Timer 2 Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. Timer 2 No external pins. The Timer 2 (watchdog) peripheral pins are not pinned out as external pins. Timer 1 HECC_RX/ This pin is multiplexed between the HECC, Timer 1, UART1 (Data), TINP1L/ IPU and GPIO. L4 P3 I/O/Z URXD1/ DVDD33 For Timer 1, this pin is the timer 1 input pin for the lower 32-bit GP[56] counter HECC_TX/ This pin is multiplexed between the HECC, Timer 1, UART1, and TOUT1L/ IPU GPIO. K4 N3 I/O/Z UTXD1/ DVDD33 For Timer 1, this pin is the timer 1 output pin for the lower 32-bit GP[55] counter Timer 0 CLKS1/ This pin is multiplexed between the McBSP1, Timer 0, and GPIO. IPD TINP0L/ K2 L2 I/O/Z For Timer 0, this pin is the timer 0 input pin for the lower 32-bit DVDD33 GP[98] counter CLKS0/ This pin is multiplexed between the McBSP0, Timer 0, and GPIO. IPD TOUT0L/ J4 L3 I/O/Z For Timer 0, this pin is the timer 0 output pin for the lower 32-bit DVDD33 GP[97] counter (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 63 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |