Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1644ZDU6 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 127Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 128Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 129Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 130Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 131Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 132Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 133Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 134Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
As shown in Table 3-42, the major configuration choices of the EMIFA/VPSS Block are determined by the
following PINMUX register fields:
• PINMUX1 register field PCIEN
• PINMUX0 register fields AEM, VENCSEL, CCDCSEL
Based on the peripheral needs, select from the major configuration options in this block: Major
Configuration Options A, B, C, D, E, F, and G.
The following is an example on how to read Table 3-42. For example, the "PINMUX Selection Fields"
columns indicate that Major Configuration Choice B is selected through setting PINMUX1.PCIEN = 0,
PINMUX0.AEM = 1, VENCSEL = 0 or 1 (based on the system's VPBE requirement), and CCDCSEL = 0
or 1 (based on the system's VPFE requirement). The "Resulting Peripherals/Pins" columns indicate that
Major Configuration Option B can support the following combination of pin functions:
• No PCI pins
• Pins for 8-bit EMIFA (Async or NAND) function. The number of address pins supported provide
32KByte to 16MByte address reach per EMIFA Chip Select (CS) space.
• Pins for up to 8-bit VPBE. If 8-bit VPBE (VENCSEL = 1) is selected, the user may have 0 to 4 GPIO
pins. Exact detail on number of GPIO pins and VPBE control pins is further determined by other
PINMUX0 settings discussed in the EMIFA/VPSS Sub-Block 1 Configuration Choices.
• Pins for up to 16-bit VPFE. If 8 to 16-bit VPFE (CCDCSEL = 1) is selected, the user may have 0 to 10
GPIO pins. Exact detail on number of GPIO pins and VPFE control pins is furthered determined by
other PINMUX0 settings discussed in the EMIFA/VPSS Sub-Block 0 Configuration Choices.
After using Table 3-42 to select the Major Configuration Option for the EMIFA/VPSS Block, proceed to
select the detailed pin choices in the EMIFA/VPSS Sub-Blocks.
Submit Documentation Feedback
Device Configurations
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com