Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1644ZDU6 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 149 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 145Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 146Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 147Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 148Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 149Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 150Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 151Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 152Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
3.7.3.13.7 EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary
This section summarizes the EMIFA/VPSS Block muxing on a pin-by-pin basis. It provides an alternative
view to pin muxing in the EMIFA/VPSS Block. This section should only be used after following the
procedures listed in Section 3.7.3.13.1 to determine the actual EMIFA/VPSS Configuration Option for the
application need.
Table 3-56 shows the pin multiplexing control for each pin in the EMIFA/VPSS Sub-Block 0. These are the
fields in the PINMUX0 and PINMUX1 registers that control the multiplexing in this sub-block:
• PINMUX0: AEM, AEAW, CWENSEL, CFLDSEL, CI10SEL, CI32SEL, CI54SEL, CI76SEL, CCDCSEL,
HVDSEL
• PINMUX1: PCIEN
Table 3-57 shows the pin multiplexing control for each pin in the EMIFA/VPSS Sub-Block 1. These are the
fields in the PINMUX0 register that control the multiplexing in this sub-block:
• PINMUX0: AEM, VENCSEL, RGBSEL, CS5SEL, CS4SEL, CS3SEL, VPBECKEN
EMIFA/VPSS Sub-Block 2 is dedicated to EMIFA pins EM_WAIT/(RDY/BSY), EM_OE, and EM_WE.
There is no pin multiplexing in this block. These pins always function as EMIFA control pins.
Table 3-58 shows the pin multiplexing control for each pin in the EMIFA/VPSS Sub-Block 3. These are the
fields in the PINMUX0 and PINMUX1 registers that control the multiplexing in this sub-block:
• PINMUX0: AEM
• PINMUX1: PCIEN
Submit Documentation Feedback
Device Configurations
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com