Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 55Page - STMicroelectronics SPC56ECxx Datasheet HTML 56Page - STMicroelectronics SPC56ECxx Datasheet HTML 57Page - STMicroelectronics SPC56ECxx Datasheet HTML 58Page - STMicroelectronics SPC56ECxx Datasheet HTML 59Page - STMicroelectronics SPC56ECxx Datasheet HTML 60Page - STMicroelectronics SPC56ECxx Datasheet HTML 61Page - STMicroelectronics SPC56ECxx Datasheet HTML 62Page - STMicroelectronics SPC56ECxx Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 123 page
background image
DocID17478 Rev 9
59/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
Medium and fast pads can use slow configuration to reduce electromagnetic emission, at
the cost of reducing AC performance.
3.6.2
I/O input DC characteristics
Table 14 provides input DC electrical characteristics as described in Figure 5.
Figure 5. I/O input DC electrical characteristics definition
VIL
VIN
VIH
PDIx = ‘1
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’
Table 14. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
VIH
SR P
Input high level CMOS (Schmitt
Trigger)
—0.65 VDD
—VDD + 0.4
V
VIL
SR P
Input low level CMOS (Schmitt
Trigger)
—
0.3
—
0.35VDD
VHYS CC C
Input hysteresis CMOS (Schmitt
Trigger)
—0.1VDD
——
ILKG CC
P
Digital input leakage
No injection
on adjacent
pin
TA = 40 °C
—
2
—
nA
PTA = 25 °C
—
2
—
DTA = 105 °C
—
12
500
PTA = 125 °C
—
70
1000
WFI
SR P
Width of input pulse rejected by
analog filter(3)
——
—
40(4)
ns
WNFI SR P
Width of input pulse accepted by
analog filter(3)
—1000(4)
——
ns
1.
VDD = 3.3 V ± 10 % / 5.0 V ± 10 %, TA = 40 to 125 °C, unless otherwise specified.
2.
VDD as mentioned in the table is VDD_HV_A/VDD_HV_B. All values need to be confirmed during device validation.
3.
Analog filters are available on all wakeup lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com