Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56ECxx Datasheet HTML 1Page - STMicroelectronics SPC56ECxx Datasheet HTML 2Page - STMicroelectronics SPC56ECxx Datasheet HTML 3Page - STMicroelectronics SPC56ECxx Datasheet HTML 4Page - STMicroelectronics SPC56ECxx Datasheet HTML 5Page - STMicroelectronics SPC56ECxx Datasheet HTML 6Page - STMicroelectronics SPC56ECxx Datasheet HTML 7Page - STMicroelectronics SPC56ECxx Datasheet HTML 8Page - STMicroelectronics SPC56ECxx Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
This is information on a product in full production.
March 2016
DocID17478 Rev 9
1/123
SPC564Bxx
SPC56ECxx
32-bit MCU family built on the Power Architecture® for automotive
body electronics applications
Datasheet
- production data
Features
 e200z4d, 32-bit Power Architecture®
– Up to 120 MHz and 200 MIPs operation
 e200z0h, 32-bit Power Architecture
– Up to 80 MHz and 75 MIPs operation
 Memory
– Up to 3 MByte on-chip Flash with ECC
– Up to 256 KByte on-chip SRAM with ECC
– 64KByte on-chip Data Flash with ECC
– 16-entry memory protection unit (MPU)
– User selectable Memory BIST
 Interrupts
– 255 interrupt sources with 16 priority levels
– Up to 54 ext. IRQ including 30 wake-up
 GPIOs: from 147 (LQFP176) to 199
(LBGA256)
 System timer units
– 8-ch. 32-bit periodic interrupt timer (PIT)
– 4-channel 32-bit system timer (STM)
– Safety System Watchdog Timer (SWT)
– Real-time clock timer (RTC/API)
 eMIOS, 16-bit counter timed I/O units
– Up to 64 channels with PWM/MC/IC/OC
 Two ADC (10-bit and 12-bit)
– Up to 62 channels extendable to 90 ch.
– Multiple Analog Watchdog
 Dedicated diagnostic features for lighting
– Advanced shiffted PWM generation
– ADC conversion synchronized on PWM
 Communication interfaces
– Up to 6 FlexCAN with 64 buffers each
– Up to 10 LINFlex/UART channels
– Up to 8 buffered DSPI channels
–I2C interface
– One FleyRay (dual-ch.) with 128 buffers
– Fast Ethernet Controller
 Cryptographic Services Engine (CSE)
– AES-128 en/decryption, CMAC auth.
– Secured device boot mode
 32-ch. eDMA with multiple request sources
 Clock generation
– 4 to 40 MHz main oscillator
– 16 MHz internal RC oscillator
– Software-controlled FMPLL
– 128 kHz internal RC oscillator
– 32 kHz auxiliary oscillator
– Clock Monitoring Unit (CMU)
 Low power capabilities
– Ultra low power STANDBY
– CAN Sampler to store CAN ID in STBY
– Fast wake-up and exectute from RAM
 Exhaustive debugging capability
– Nexus 3+ interface on LBGA256 only
– Nexus 1 on all devices
 Voltage supply
– Single 5 V or 3.3 V supply
– On-chip Vreg with external ballast transitor
 Operating temperature range -40 to 125 °C
LQFP176
(24 x 24 x 1.4 mm)
LQFP208
(28 x 28 x 1.4 mm)
LBGA256
(17 x 17 x 1.7 mm)
www.st.com


Similar Part No. - SPC56ECxx

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56ECXX STMICROELECTRONICS-SPC56ECXX Datasheet
1Mb / 118P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
December 2011 Rev 4
More results

Similar Description - SPC56ECxx

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P100M100SF2 FREESCALE-K20P100M100SF2 Datasheet
1Mb / 65P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P100M100SF2 FREESCALE-K40P100M100SF2 Datasheet
1Mb / 63P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P144M100SF2 FREESCALE-K40P144M100SF2_11 Datasheet
1Mb / 75P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
DSP56F803BU80 FREESCALE-DSP56F803BU80 Datasheet
344Kb / 52P
Up to 40 MIPS at 80MHz core frequency
logo
STMicroelectronics
SPC560B40X STMICROELECTRONICS-SPC560B40X Datasheet
2Mb / 116P
Up to 60 DMIPs operation
03-Feb-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com