Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 79Page - STMicroelectronics SPC56ECxx Datasheet HTML 80Page - STMicroelectronics SPC56ECxx Datasheet HTML 81Page - STMicroelectronics SPC56ECxx Datasheet HTML 82Page - STMicroelectronics SPC56ECxx Datasheet HTML 83Page - STMicroelectronics SPC56ECxx Datasheet HTML 84Page - STMicroelectronics SPC56ECxx Datasheet HTML 85Page - STMicroelectronics SPC56ECxx Datasheet HTML 86Page - STMicroelectronics SPC56ECxx Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 123 page
background image
DocID17478 Rev 9
83/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
3.14
FMPLL electrical characteristics
The device provides a frequency-modulated phase-locked loop (FMPLL) module to
generate a fast system clock from the main oscillator driver.
3.15
Fast internal RC oscillator (16 MHz) electrical characteristics
The device provides a 16 MHz main internal RC oscillator. This is used as the default clock
at the power-up of the device and can also be used as input to PLL.
Table 39. FMPLL electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
fPLLIN
S
R
— FMPLL reference clock(3)
—4
—
64
MHz
PLLIN
S
R
—
FMPLL reference clock
duty cycle(3)
—40
—
60
%
fPLLOUT
C
C
P
FMPLL output clock
frequency
—
16
—
120
MHz
fCPU
S
R
— System clock frequency
—
—
—
120 + 2%(4)
MHz
fFREE
C
C
P Free-running frequency
—
20
—
150
MHz
tLOCK
C
C
P FMPLL lock time
Stable oscillator (fPLLIN = 16 MHz)
40
100
µs
t
LTJIT
C
C
— FMPLL long term jitter
fPLLIN = 40 MHz (resonator),
fPLLCLK @ 120 MHz, 4000 cycles
——
6
(for < 1ppm)
ns
IPLL
C
C
C FMPLL consumption
TA = 25 °C
—
—
3
mA
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
All values need to be confirmed during device validation.
3.
PLLIN clock retrieved directly from 4-40 MHz XOSC or 16 MIRC. Input characteristics are granted when oscillator is used
in functional mode. When bypass mode is used, oscillator input clock should verify fPLLIN and PLLIN.
4.
fCPU 120 + 2% MHz can be achieved at 125 °C.
Table 40. Fast internal RC oscillator (16 MHz) electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
fFIRC
C
C
P
Fast internal RC oscillator high
frequency
TA = 25 °C, trimmed
—
16
—
MHz
S
R
——
12
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com