Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 19Page - STMicroelectronics SPC56ECxx Datasheet HTML 20Page - STMicroelectronics SPC56ECxx Datasheet HTML 21Page - STMicroelectronics SPC56ECxx Datasheet HTML 22Page - STMicroelectronics SPC56ECxx Datasheet HTML 23Page - STMicroelectronics SPC56ECxx Datasheet HTML 24Page - STMicroelectronics SPC56ECxx Datasheet HTML 25Page - STMicroelectronics SPC56ECxx Datasheet HTML 26Page - STMicroelectronics SPC56ECxx Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 123 page
background image
DocID17478 Rev 9
23/123
SPC564Bxx-SPC56ECxx
Package pinouts and signal descriptions
122
PB[6]
PCR[22]
AF0
AF1
AF2
AF3
—
—
GPI[22]
—
—
—
ADC0_P[2]
ADC1_P[2]
SIUL
—
—
—
ADC_0
ADC_1
I
—
—
—
I
I
I
Tristate
92
108
N14
PB[7]
PCR[23]
AF0
AF1
AF2
AF3
—
—
GPI[23]
—
—
—
ADC0_P[3]
ADC1_P[3]
SIUL
—
—
—
ADC_0
ADC_1
I
—
—
—
I
I
I
Tristate
93
109
R16
PB[8]
PCR[24]
AF0
AF1
AF2
AF3
—
—
—
—
GPI[24]
—
—
—
ADC0_S[0]
ADC1_S[4]
WKPU[25]
OSC32k_XTAL(4)
SIUL
—
—
—
ADC_0
ADC_1
WKPU
SXOSC
I
—
—
—
I
I
I
I
I—
61
77
T11
PB[9](5)
PCR[25]
AF0
AF1
AF2
AF3
—
—
—
—
GPI[25]
—
—
—
ADC0_S[1]
ADC1_S[5]
WKPU[26]
OSC32k_EXTAL(
4)
SIUL
—
—
—
ADC_0
ADC_1
WKPU
SXOSC
I
—
—
—
I
I
I
I
I—
60
76
T10
PB[10]
PCR[26]
AF0
AF1
AF2
AF3
—
—
—
GPIO[26]
SOUT_1
CAN3TX
—
ADC0_S[2]
ADC1_S[6]
WKPU[8]
SIUL
DSPI_1
FlexCAN_3
—
ADC_0
ADC_1
WKPU
I/O
O
—
—
I
I
I
S
Tristate
62
78
N7
Table 5. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com