Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 76Page - STMicroelectronics SPC56ECxx Datasheet HTML 77Page - STMicroelectronics SPC56ECxx Datasheet HTML 78Page - STMicroelectronics SPC56ECxx Datasheet HTML 79Page - STMicroelectronics SPC56ECxx Datasheet HTML 80Page - STMicroelectronics SPC56ECxx Datasheet HTML 81Page - STMicroelectronics SPC56ECxx Datasheet HTML 82Page - STMicroelectronics SPC56ECxx Datasheet HTML 83Page - STMicroelectronics SPC56ECxx Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 123 page
background image
Electrical Characteristics
SPC564Bxx-SPC56ECxx
80/123
DocID17478 Rev 9
3.13
Slow external crystal oscillator (32 kHz) electrical
characteristics
The device provides a low power oscillator/resonator driver.
Figure 12. Crystal oscillator and resonator connection scheme
Note:
OSC32K_XTAL/OSC32K_EXTAL must not be directly used to drive external circuits.
l
VIH
SR P
Input high level
CMOS
(Schmitt Trigger)
Oscillator bypass mode
0.65VDD_
HV_A
—VDD_HV_A + 0.4
V
VIL
SR P
Input low level
CMOS
(Schmitt Trigger)
Oscillator bypass mode
0.3
—
0.35VDD_HV_A
V
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
All values need to be confirmed during device validation.
3.
Based on ATE Cz
4.
Stated values take into account only analog module consumption but not the digital contributor (clock tree and enabled
peripherals).
Table 36. Fast external crystal oscillator (4 to 40 MHz) electrical characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
OSC32K_XTAL
OSC32K_EXTAL
DEVICE
C2
C1
OSC32K_XTAL
OSC32K_EXTAL
RP
DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com