Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 97 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 93Page - STMicroelectronics SPC56ECxx Datasheet HTML 94Page - STMicroelectronics SPC56ECxx Datasheet HTML 95Page - STMicroelectronics SPC56ECxx Datasheet HTML 96Page - STMicroelectronics SPC56ECxx Datasheet HTML 97Page - STMicroelectronics SPC56ECxx Datasheet HTML 98Page - STMicroelectronics SPC56ECxx Datasheet HTML 99Page - STMicroelectronics SPC56ECxx Datasheet HTML 100Page - STMicroelectronics SPC56ECxx Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
DocID17478 Rev 9
97/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
3.18.2
MII Transmit Signal Timing (TXD[3:0], TX_EN, TX_ER, TX_CLK)
The transmitter functions correctly up to a TX_CLK maximum frequency of 25 MHz +1%.
There is no minimum frequency requirement. In addition, the system clock frequency must
exceed four times the TX_CLK frequency in 2:1 mode and two times the TX_CLK frequency
in 1:1 mode.
The transmit outputs (TXD[3:0], TX_EN, TX_ER) can be programmed to transition from
either the rising or falling edge of TX_CLK, and the timing is the same in either case. This
options allows the use of non-compliant MII PHYs.
Refer to the Fast Ethernet Controller (FEC) chapter of the SPC564B74 and SPC56EC74
Reference Manual for details of this option and how to enable it.
Figure 22. MII transmit signal timing diagram
3.18.3
MII Async Inputs Signal Timing (CRS and COL)
Table 46. MII transmit signal timing(1)
Spec
Characteristic
Min
Max
Unit
M5
TX_CLK to TXD[3:0],
TX_EN, TX_ER invalid
5—
ns
M6
TX_CLK to TXD[3:0],
TX_EN, TX_ER valid
—25
ns
M7
TX_CLK pulse width high
35%
65%
TX_CLK period
M8
TX_CLK pulse width low
35%
65%
TX_CLK period
1.
Output pads configured with SRE = 0b11.
M6
TX_CLK (input)
TXD[3:0] (outputs)
TX_EN
TX_ER
M5
M7
M8
Table 47. MII Async Inputs Signal Timing(1)
Spec
Characteristic
Min
Max
Unit
M9
CRS, COL minimum pulse width
1.5
—
TX_CLK period
1.
Output pads configured with SRE = 0b11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com