Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 67Page - STMicroelectronics SPC56ECxx Datasheet HTML 68Page - STMicroelectronics SPC56ECxx Datasheet HTML 69Page - STMicroelectronics SPC56ECxx Datasheet HTML 70Page - STMicroelectronics SPC56ECxx Datasheet HTML 71Page - STMicroelectronics SPC56ECxx Datasheet HTML 72Page - STMicroelectronics SPC56ECxx Datasheet HTML 73Page - STMicroelectronics SPC56ECxx Datasheet HTML 74Page - STMicroelectronics SPC56ECxx Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 123 page
background image
DocID17478 Rev 9
71/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
Table 25. Low voltage power domain electrical characteristics(1)
Symbol
C
Parameter
Conditions(2)
Value
Unit
Min
Typ(3)
Max(4)
IDDMAX
(5)
C
C
D
RUN mode maximum
average current
—
—
210
300(6),
(7)
mA
IDDRUN
C
C
P
RUN mode typical
average current(8)
at 120 MHz
TA = 25 °C
—
150
208(9)
mA
Dat 80 MHz
TA = 25 °C
—
110(8)
150(10)
mA
C
at 120 MHz
TA = 125 °C
—
180
280
mA
IDDHALT
C
C
P
HALT mode current(11)
at 120 MHz
TA = 25 °C
—
20
27
mA
C
at 120 MHz
TA = 125 °C
—
35
100
mA
IDDSTOP
C
C
P
STOP mode current(12)
No clocks active
TA = 25 °C
—
0.4
5
mA
CTA = 125 °C
—
16
72
mA
IDDSTDBY3
(96 KB
RAM
retained)
C
C
P
STANDBY3 mode
current(13)
No clocks active
TA = 25 °C
—
50
96
µA
CTA = 125 °C
—
630
2400
µA
IDDSTDBY2
(64 KB
RAM
retained)
C
C
C
STANDBY2 mode
current(14)
No clocks active
TA = 25 °C
—
40
92
µA
CTA = 125 °C
—
500
2000
µA
IDDSTDBY1
(8 KB RAM
retained)
C
C
C
STANDBY1 mode
current(15)
No clocks active
TA = 25 °C
—
25
85
µA
CTA = 125 °C
—
230
1100
µA
Adders in
LP mode
C
C
T
32 KHz OSC
—
TA = 25 °C
—
—
5
µA
4–40 MHz OSC
—
TA = 25 °C
—
—
3
mA
16 MHz IRC
—
TA = 25 °C
—
—
500
µA
128 KHz IRC
—
TA = 25 °C
—
—
5
µA
1.
Except for IDDMAX, all the current values are total current drawn from VDD_HV_A.
2.
VDD = 3.3 V ± 10 % / 5.0 V ± 10 %, TA = 40 to 125 °C, unless otherwise specified All temperatures are based on an
ambient temperature.
3.
Target typical current consumption for the following typical operating conditions and configuration. Process = typical,
Voltage = 1.2 V.
4.
Target maximum current consumption for mode observed under typical operating conditions. Process = Fast, Voltage =
1.32 V.
5.
Running consumption is given on voltage regulator supply (VDDREG). It does not include consumption linked to I/Os
toggling. This value is highly dependent on the application. The given value is thought to be a worst case value with all
cores and peripherals running, and code fetched from code flash while modify operation on-going on data flash. It is to be
noticed that this value can be significantly reduced by application: switch-off not used peripherals (default), reduce
peripheral frequency through internal prescaler, fetch from RAM most used functions, use low power mode when possible.
6.
Higher current may sunk by device during power-up and standby exit. Please refer to in rush current in Table 23.
7.
Maximum “allowed” current is package dependent.
8.
Only for the “P” classification: Code fetched from RAM: Serial IPs CAN and LIN in loop back mode, DSPI as Master, PLL as
system Clock (4 x Multiplier) peripherals on (eMIOS/CTU/ADC) and running at max frequency, periodic SW/WDG timer
reset enabled. RUN current measured with typical application with accesses on both code flash and RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com