Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 65Page - STMicroelectronics SPC56ECxx Datasheet HTML 66Page - STMicroelectronics SPC56ECxx Datasheet HTML 67Page - STMicroelectronics SPC56ECxx Datasheet HTML 68Page - STMicroelectronics SPC56ECxx Datasheet HTML 69Page - STMicroelectronics SPC56ECxx Datasheet HTML 70Page - STMicroelectronics SPC56ECxx Datasheet HTML 71Page - STMicroelectronics SPC56ECxx Datasheet HTML 72Page - STMicroelectronics SPC56ECxx Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 123 page
background image
DocID17478 Rev 9
69/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
3.8.3
Voltage monitor electrical characteristics
The device implements a Power-on Reset module to ensure correct power-up initialization,
as well as four low voltage detectors to monitor the VDD_HV_A and the VDD_LV voltage while
device is supplied:
POR monitors VDD_HV_A during the power-up phase to ensure device is maintained in
a safe reset state
LVDHV3 monitors VDD_HV_A to ensure device is reset below minimum functional
supply
LVDHV5 monitors VDD_HV_A when application uses device in the 5.0 V±10 % range
LVDLVCOR monitors power domain No. 1 (PD1)
LVDLVBKP monitors power domain No. 0 (PD0). VDD_LV is same as PD0 supply.
Note:
When enabled, PD2 (RAM retention) is monitored through LVD_DIGBKP.
IMREG
S
R
—
Main regulator current provided to
VDD_LV domain
——
—
350
mA
IMREGINT
C
C
D
Main regulator module current
consumption
IMREG = 200 mA
—
—
2
mA
IMREG = 0 mA
—
—
1
VLPREG
C
C
P
Low power regulator output
voltage
After trimming
TA = 25 °C
1.17
1.27
1.32
V
ILPREG
S
R
—
Low power regulator current
provided to VDD_LV domain
—
——
50
mA
ILPREGINT
C
C
D
Low power regulator module
current consumption
ILPREG = 15 mA;
TA = 55 °C
——
600
A
—
ILPREG = 0 mA;
TA = 55 °C
—
20
—
IVREGREF
C
C
D
Main LVDs and reference current
consumption (low power and main
regulator switched off)
TA = 55 °C
—
2
—
A
IVREDLVD12
C
C
D
Main LVD current consumption
(switch-off during standby)
TA = 55 °C
—
1
—
A
IDD_HV_A
C
C
D
In-rush current on VDD_BV during
power-up
——
—
600
(3)
mA
1.
VDD_HV_A = 3.3 V ± 10 % / 5.0 V ± 10 %, TA = 40 to 125 °C, unless otherwise specified.
2.
All values need to be confirmed during device validation.
3.
Inrush current is seen more like steps of 600 mA peak. The startup of the regulator happens in steps of 50 mV in ~25 steps
to reach ~1.2 V VDD_LV. Each step peak current is within 600 mA
Table 23. Voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com