Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 79 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 75Page - STMicroelectronics SPC56ECxx Datasheet HTML 76Page - STMicroelectronics SPC56ECxx Datasheet HTML 77Page - STMicroelectronics SPC56ECxx Datasheet HTML 78Page - STMicroelectronics SPC56ECxx Datasheet HTML 79Page - STMicroelectronics SPC56ECxx Datasheet HTML 80Page - STMicroelectronics SPC56ECxx Datasheet HTML 81Page - STMicroelectronics SPC56ECxx Datasheet HTML 82Page - STMicroelectronics SPC56ECxx Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 123 page
background image
DocID17478 Rev 9
79/123
SPC564Bxx-SPC56ECxx
Electrical Characteristics
122
Figure 11. Fast external crystal oscillator (4 to 40 MHz) electrical characteristics
VFXOSCOP
TMXOSCSU
VXTAL
VFXOSC
valid internal clock
90%
10%
1/fMXOSC
S_MTRANS bit (ME_GS register)
1
0
Table 36. Fast external crystal oscillator (4 to 40 MHz) electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
fFXOSC
SR —
Fast external
crystal oscillator
frequency
—4.0
—
40.0
MHz
gmFXOSC
CC C
Fast external
crystal oscillator
transconductance
VDD = 3.3 V ± 10%
4(3)
—20(3)
mA/V
VDD = 5.0 V ± 10%
6.5(3)
—25(3)
VFXOSC
CC T
Oscillation
amplitude at
EXTAL
fOSC = 40 MHz
For both VDD = 3.3 V ±
10%, VDD = 5.0 V ± 10%
—0.95
—
V
VFXOSCOP CC P
Oscillation
operating point
——
1.8
V
IFXOSC
(4)
CC T
Fast external
crystal oscillator
consumption
VDD = 3.3 V ± 10%,
fOSC = 40 MHz
—2
2.2
mA
VDD = 5.0 V ± 10%,
fOSC = 40 MHz
—2.3
2.5
VDD = 3.3 V ± 10%,
fOSC = 16 MHz
—1.3
1.5
VDD = 5.0 V ± 10%,
fOSC = 16 MHz
—1.6
1.8
TFXOSCSU
CC T
Fast external
crystal oscillator
start-up time
fOSC = 40 MHz
For both VDD = 3.3 V ±
10%, VDD = 5.0 V ± 10%
——
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com