Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 37Page - STMicroelectronics SPC56ECxx Datasheet HTML 38Page - STMicroelectronics SPC56ECxx Datasheet HTML 39Page - STMicroelectronics SPC56ECxx Datasheet HTML 40Page - STMicroelectronics SPC56ECxx Datasheet HTML 41Page - STMicroelectronics SPC56ECxx Datasheet HTML 42Page - STMicroelectronics SPC56ECxx Datasheet HTML 43Page - STMicroelectronics SPC56ECxx Datasheet HTML 44Page - STMicroelectronics SPC56ECxx Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 123 page
background image
DocID17478 Rev 9
41/123
SPC564Bxx-SPC56ECxx
Package pinouts and signal descriptions
122
PI[7]
PCR[135]
AF0
AF1
AF2
AF3
ALT4
GPIO[135]
E1UC[31]
CS1_4
CS1_5
CS1_6
SIUL
eMIOS_1
DSPI_4
DSPI_5
DSPI_6
I/O
I/O
O
O
O
S
Tristate
12
12
E2
PI[8]
PCR[136]
AF0
AF1
AF2
AF3
—
GPIO[136]
—
—
—
ADC0_S[16]
SIUL
—
—
—
ADC_0
I/O
—
—
—
I
S
Tristate
108
130
J14
PI[9]
PCR[137]
AF0
AF1
AF2
AF3
—
GPIO[137]
—
—
—
ADC0_S[17]
SIUL
—
—
—
ADC_0
I/O
—
—
—
I
S
Tristate
—
131
J15
PI[10]
PCR[138]
AF0
AF1
AF2
AF3
—
GPIO[138]
—
—
—
ADC0_S[18]
SIUL
—
—
—
ADC_0
I/O
—
—
—
I
S
Tristate
—
134
J16
PI[11]
PCR[139]
AF0
AF1
AF2
AF3
—
—
GPIO[139]
—
—
—
ADC0_S[19]
SIN_3
SIUL
—
—
—
ADC_0
DSPI_3
I/O
—
—
—
I
I
S
Tristate
111
135
H16
PI[12]
PCR[140]
AF0
AF1
AF2
AF3
—
GPIO[140]
CS0_3
CS0_2
—
ADC0_S[20]
SIUL
DSPI_3
DSPI_2
—
ADC_0
I/O
I/O
I/O
—
I
S
Tristate
112
136
G15
Table 5. Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com