Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 5Page - STMicroelectronics SPC56ECxx Datasheet HTML 6Page - STMicroelectronics SPC56ECxx Datasheet HTML 7Page - STMicroelectronics SPC56ECxx Datasheet HTML 8Page - STMicroelectronics SPC56ECxx Datasheet HTML 9Page - STMicroelectronics SPC56ECxx Datasheet HTML 10Page - STMicroelectronics SPC56ECxx Datasheet HTML 11Page - STMicroelectronics SPC56ECxx Datasheet HTML 12Page - STMicroelectronics SPC56ECxx Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
DocID17478 Rev 9
9/123
SPC564Bxx-SPC56ECxx
Introduction
122
1
Introduction
1.1
Document Overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the SPC564Bxx
and SPC56ECxx device. To ensure a complete understanding of the device functionality,
refer also to the SPC564Bxx and SPC56ECxx Reference Manual.
1.2
Description
The SPC564Bxx and SPC56ECxx is a new family of next generation microcontrollers built
on the Power Architecture embedded category. This document describes the features of the
family and options available within the family members, and highlights important electrical
and physical characteristics of the device.
The SPC564Bxx and SPC56ECxx family expands the range of the SPC560B
microcontroller family. It provides the scalability needed to implement platform approaches
and delivers the performance required by increasingly sophisticated software architectures.
The advanced and cost-efficient host processor core of the SPC564Bxx and SPC56ECxx
automotive controller family complies with the Power Architecture embedded category,
which is 100 percent user-mode compatible with the original Power Architecture user
instruction set architecture (UISA). It operates at speeds of up to 120 MHz and offers high
performance processing optimized for low power consumption. It also capitalizes on the
available development infrastructure of current Power Architecture devices and is supported
with software drivers, operating systems and configuration code to assist with users
implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com