Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56ECxx Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPC56ECxx
Description  Up to 80 MHz and 75 MIPs operation
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56ECxx Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPC56ECxx Datasheet HTML 72Page - STMicroelectronics SPC56ECxx Datasheet HTML 73Page - STMicroelectronics SPC56ECxx Datasheet HTML 74Page - STMicroelectronics SPC56ECxx Datasheet HTML 75Page - STMicroelectronics SPC56ECxx Datasheet HTML 76Page - STMicroelectronics SPC56ECxx Datasheet HTML 77Page - STMicroelectronics SPC56ECxx Datasheet HTML 78Page - STMicroelectronics SPC56ECxx Datasheet HTML 79Page - STMicroelectronics SPC56ECxx Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
Electrical Characteristics
SPC564Bxx-SPC56ECxx
76/123
DocID17478 Rev 9
3.11.2
Electromagnetic interference (EMI)
The product is monitored in terms of emission based on a typical application. This emission
test conforms to the IEC61967-1 standard, which specifies the general conditions for EMI
measurements.
3.11.3
Absolute maximum ratings (electrical sensitivity)
Based on two different tests (ESD and LU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
3.11.3.1
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts (n+1) supply pin). This test
conforms to the AEC-Q100-002/-003/-011 standard. For more details, refer to the
application note Electrostatic Discharge Sensitivity Measurement (AN1181).
Table 32. EMI radiated emission measurement(1)(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
—
S
R
— Scan range
—
0.150
1000
MHz
fCPU
S
R
—
Operating
frequency
——
120
—
MHz
VDD_LV
S
R
—
LV operating
voltages
—
—
1.28
—
V
SEMI
C
C
T
Peak level
VDD = 5 V, TA = 25 °C,
LQFP176 package
Test conforming to IEC
61967-2,
fOSC = 40 MHz/fCPU = 120
MHz
No PLL
frequency
modulation
—
—
18
dBµV
± 2% PLL
frequency
modulation
——
14(3)
dBµV
1.
EMI testing and I/O port waveforms per IEC 61967-1, -2, -4.
2.
For information on conducted emission and susceptibility measurement (norm IEC 61967-4), please contact your local
marketing representative.
3.
All values need to be confirmed during device validation.
Table 33. ESD absolute maximum ratings(1)(2)
Symbol
Ratings
Conditions
Class
Max value(3)
Unit
VESD(HBM)
Electrostatic discharge voltage
(Human Body Model)
TA = 25 °C
conforming to AEC-Q100-002
H1C
2000
V
VESD(MM)
Electrostatic discharge voltage
(Machine Model)
TA = 25 °C
conforming to AEC-Q100-003
M2
200
VESD(CDM)
Electrostatic discharge voltage
(Charged Device Model)
TA = 25 °C
conforming to AEC-Q100-011
C3A
500
750
(corners)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com