Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C94 Datasheet(PDF) 31 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 27Page - SMSC Corporation LAN91C94 Datasheet HTML 28Page - SMSC Corporation LAN91C94 Datasheet HTML 29Page - SMSC Corporation LAN91C94 Datasheet HTML 30Page - SMSC Corporation LAN91C94 Datasheet HTML 31Page - SMSC Corporation LAN91C94 Datasheet HTML 32Page - SMSC Corporation LAN91C94 Datasheet HTML 33Page - SMSC Corporation LAN91C94 Datasheet HTML 34Page - SMSC Corporation LAN91C94 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
31
ATTRIBUTE MEMORY SPACE
(PCMCIA mode only)
In PCMCIA mode, the attribute memory space is
an eight bit space decoded by the LAN91C94
using addresses A0-9, A15 along
with the following control signals: nREG, nCE1,
nWE, nOE.
The LAN91C94 has the following two registers
in memory space:
OFFSET
8000
NAME
CARD OPTION REGISTER
TYPE
READ/WRITE
SYMBOL
COR
This register is used to enable the PCMCIA card, allow programming of the external attribute memory,
and to generate soft reset.
SRESET
LEVIRQ
(read only)
0
0
0
COR2
0
COR0
0
1
0
0
0
0
0
0
SRESET - This bit, when set will reset the
LAN91C94. It is valid in PCMCIA mode only.
The bit does not sample the ISA/PCMCIA mode.
The bit is cleared writing it low or by a hardware
reset. It does not preserve any register. It
resembles a hardware reset, including the
PWRDWN gating.
LEVIRQ - This bit reads always high to indicate
that the LAN91C94 uses level mode interrupts.
COR2 - This bit, when set, allows writing into
the external attribute memory.
COR0 - This bit, when clear, disables the
LAN91C94
I/O
space
and
forces
nIREQ
inactive. This bit defaults low and will be set by
the host PCMCIA system to configure the card
for I/O operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com