Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C94 Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 29Page - SMSC Corporation LAN91C94 Datasheet HTML 30Page - SMSC Corporation LAN91C94 Datasheet HTML 31Page - SMSC Corporation LAN91C94 Datasheet HTML 32Page - SMSC Corporation LAN91C94 Datasheet HTML 33Page - SMSC Corporation LAN91C94 Datasheet HTML 34Page - SMSC Corporation LAN91C94 Datasheet HTML 35Page - SMSC Corporation LAN91C94 Datasheet HTML 36Page - SMSC Corporation LAN91C94 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 120 page
background image
33
I/O SPACE
(ISA and PCMCIA mode)
In ISA mode, the base I/O space is determined
by
the
IOS0-2
inputs
and
the
EEPROM
contents. A4-15 are compared against the base
I/O address for I/O space accesses.
In PCMCIA mode nREG (along with nIORD or
nIOWR) defines an I/O access regardless of the
A4-15 value.
To limit the I/O space requirements to 16
locations, the registers are assigned to different
banks. The last word of the I/O area is shared
by all banks and can be used to change the
bank in use.
Registers are 16 bits wide and are described
using the following convention:
OFFSET
NAME
TYPE
SYMBOL
HIGH
BYTE
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
X
X
X
X
X
X
X
X
LOW
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
X
X
X
X
X
X
X
X
OFFSET - Defines the address offset within the
IOBASE where the register can be accessed at,
provided the bank select has the appropriate
value.
The offset specifies the address of the
even byte (bits 0-7) or the address of the
complete word. The odd byte can be accessed
using address (offset + 1).
Some registers (like the Interrupt Ack., or like
Interrupt Mask) are functionally described as
two eight bit registers, in that case the offset of
each one is independently specified.
Regardless of the functional description, when
the LAN91C94 is in 16 bit mode, all registers
can be accessed as words or bytes.
The default bit values upon hard reset are
highlighted below each register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com